Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRS2109PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRS2109PBF
Description  HALF-BRIDGE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRS2109PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRS2109PBF Datasheet HTML 1Page - International Rectifier IRS2109PBF Datasheet HTML 2Page - International Rectifier IRS2109PBF Datasheet HTML 3Page - International Rectifier IRS2109PBF Datasheet HTML 4Page - International Rectifier IRS2109PBF Datasheet HTML 5Page - International Rectifier IRS2109PBF Datasheet HTML 6Page - International Rectifier IRS2109PBF Datasheet HTML 7Page - International Rectifier IRS2109PBF Datasheet HTML 8Page - International Rectifier IRS2109PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Typical Connection
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V, 5 V, and 15 V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
High-side output in phase with IN input
Logic and power ground +/- 5 V offset.
Internal 540 ns deadtime, and programmable
up to 5 µs with one external RDT resistor (IRS21094)
Lower di/dt gate driver for better noise immunity
Shutdown input turns off both channels.
IRS21094
IRS2109
IRS2109/IRS21094(S)PbF
Data Sheet No. PD60261
VOFFSET
600 V max.
IO+/-
120 mA / 250 mA
VOUT
10 V - 20 V
ton/off (typ.)
750 ns & 200 ns
Deadtime
540 ns
(programmable up to 5 µs for IRS21094)
Product Summary
www.irf.com
1
V
CC
V
B
V
S
HO
LO
COM
IN
SD
SD
IN
up to 600 V
TO
LOAD
V
CC
IN
up to 600 V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
IN
V
SS
SD
V
CC
SD
V
SS
R
DT
Description
The IRS2109/IRS21094 are high voltage, high
speed power MOSFET and IGBT drivers with de-
pendent high- and low-side referenced output
channels. Proprietary HVIC and latch immune
CMOS technologies enable ruggedized monolithic
construction. The logic input is compatible with stan-
dard CMOS or LSTTL output, down to 3.3 V logic.
The output drivers feature a high pulse current
buffer stage designed for minimum driver cross-con-
duction. The floating channel can be used to drive
an N-channel power MOSFET or IGBT in the high-
side configuration which operates up to 600 V.
(Refer to Lead Assignments for correct
configuration). These diagrams show electrical
connections only. Please refer to our
Application Notes and DesignTips for proper
circuit board layout.
Packages
8 Lead SOIC
14 Lead PDIP
8 Lead PDIP
14 Lead SOIC
DT
RoHS compliant


Numéro de pièce similaire - IRS2109PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRS2109PBF IRF-IRS2109PBF Datasheet
554Kb / 25P
   HALF-BRIDGE DRIVER
More results

Description similaire - IRS2109PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com