Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TMC239 Datasheet(Fiches technique) 3 Page - List of Unclassifed Manufacturers

Numéro de pièce TMC239
Description  High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
Télécharger  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 
 3 page
background image
TMC239 DATA SHEET (V1.00 / Apr. 24th, 2003)
3
Copyright © 2002, TRINAMIC Microchips GmbH
Pinning
Package codes
Package
Temperature range Code/marking
SO28
automotive *)
TMC239-SA
LPCC28 (6*6mm)
to be announced
automotive
TMC239-LA
*) ICs with date code prior to 0104 are not yet tested according to automotive standards, but are usable
within the complete temperature range.
SO28 Dimensions
REF
MIN.
MAX.
A
10
10.65
B
17.7
18.1
C
7.4
7.6
D
1.4
E
2.65
F
0.25
G
0.1
0.3
H
0.36
0.49
I
0.4
1.1
K
1.27
All dimensions are in mm.
I
C
A
K
H
B
1
2
3
4
5
6
7
28
27
26
25
24
23
22
17
SDO
SDI
LA2
HA1
INB
HA2
SRA
LA1
GNDA
ANN
SLP
INA
16
BL2
SCK
15
LB1
8
9
10
11
12
13
14
SRB
CSN
HB1
BL1
OSC
LB2
20
GND
19
VS
18
VT
21
VCC
HB2
ENN
SPE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
908E626Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication 1 2 3 4 5 MoreFreescale Semiconductor, Inc
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADA4310Low Cost Dual High Current Output Line Driver with Shutdown 1 2 3 4 5 MoreAnalog Devices
IP4770CZ16VGA/video interface with integrated buffers ESD protection and integrated termination resistors 1 2 3 4 5 MoreNXP Semiconductors
ADE7169F16Single-Phase Energy Measurement IC with 8052 MCU RTC and LCD driver 1 2 3 4 5 MoreAnalog Devices
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor (TI)
NIF5003NSelf−Protected FET with Temperature and Current Limit 1 2 3 4 5 ON Semiconductor
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
ISL6327Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing 1 2 3 4 5 MoreIntersil Corporation
IR2107HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl