Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC12179D Fiches technique(PDF) 7 Page - Motorola, Inc

No de pièce MC12179D
Description  500 - 2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12179D Fiches technique(HTML) 7 Page - Motorola, Inc

Back Button MC12179D Datasheet HTML 3Page - Motorola, Inc MC12179D Datasheet HTML 4Page - Motorola, Inc MC12179D Datasheet HTML 5Page - Motorola, Inc MC12179D Datasheet HTML 6Page - Motorola, Inc MC12179D Datasheet HTML 7Page - Motorola, Inc MC12179D Datasheet HTML 8Page - Motorola, Inc MC12179D Datasheet HTML 9Page - Motorola, Inc MC12179D Datasheet HTML 10Page - Motorola, Inc MC12179D Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC12179
7
MOTOROLA RF/IF DEVICE DATA
Figure 10. Transfer Function for the Crystal Noise in the Frequency Plane
Figure 11. Transfer Function for the VCO Noise in the Frequency Plane
T(j
w) + N @
1
) j 2z w
wo
1
) K3K4 w
4
wo4
* B w
2
wo2
) j 2z w
wo * (AK4 ) K5)
w3
wo3
T(j
w) +
K3K4
w4
wo4
* B w
2
wo2
* j (AK4 ) K5) w
3
wo3
1
) K3K4 w
4
wo4
* B w
2
wo2
) j 2z w
wo * (AK4 ) K5)
w3
wo3
Appendix: Derivation of Loop Filter Transfer Function
The purpose of the loop filter is to convert the current from
the phase detector to a tuning voltage for the VCO. The total
transfer function is derived in two steps. Step 1 is to find the
voltage generated by the impedance of the loop filter. Step 2
is to find the transfer function from the input of the loop filter to
its output. The “voltage” times the “transfer function” is the
overall transfer function of the loop filter. To use these
equations in determining the overall transfer function of a PLL
multiply the filter’s impedance by the gain constant of the
phase detector then multiply that by the filter’s transfer
function (which is unity in the 2nd and 3rd order cases
below).
Figure 12. Overall Transfer Function of the PLL
For the 2nd Order PLL:
Vp
Co
Ro
Vt
ZLF(s) +
RoCos ) 1
Cos
TLF(s) +
Vt(s)
Vp(s)
+ 1, Vp(s) + Kp(s)ZLF(s)
For the 3rd Order PLL:
Vp
Co
Ro
Vt
ZLF(s) +
RoCos ) 1
CoRoCas2 ) (Co ) Ca)s
TLF(s) +
Vt(s)
Vp(s)
+ 1, Vp(s) + Kp(s)ZLF(s)
Ca
For the 4th Order PLL:
Vp
Co
Ro
Vt
ZLF(s) +
(RoCos ) 1) (RxCxs ) 1)
CoRoCaRxCxs3 ) [ (Co ) Ca)RxCx ) CoRo(Cx ) Ca) ] s2 ) (Co ) Ca ) Cx)s
TLF(s) +
Vt(s)
Vp(s)
+
1
(RxCxs ) 1)
,Vp(s) + Kp(s)ZLF(s)
Ca
Rx
Cx
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC12179D

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
MC12179D LANSDALE-MC12179D Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
MC12179D LANSDALE-MC12179D Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

Description similaire - MC12179D

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com