Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM641001A-20 Fiches technique(PDF) 4 Page - Samsung semiconductor

No de pièce KM641001A-20
Description  256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641001A-20 Fiches technique(HTML) 4 Page - Samsung semiconductor

  KM641001A-20 Datasheet HTML 1Page - Samsung semiconductor KM641001A-20 Datasheet HTML 2Page - Samsung semiconductor KM641001A-20 Datasheet HTML 3Page - Samsung semiconductor KM641001A-20 Datasheet HTML 4Page - Samsung semiconductor KM641001A-20 Datasheet HTML 5Page - Samsung semiconductor KM641001A-20 Datasheet HTML 6Page - Samsung semiconductor KM641001A-20 Datasheet HTML 7Page - Samsung semiconductor KM641001A-20 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KM641001A
CMOS SRAM
PRELIMINARY
Rev 5.0
- 4 -
February 1998
TEST CONDITIONS
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3ns
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=5.0V±10%, unless otherwise noted.)
READ CYCLE
Parameter
Symbol
KM641001A-15
KM641001A-20
Unit
Min
Max
Min
Max
Read Cycle Time
tRC
15
-
20
-
ns
Address Access Time
tAA
-
15
-
20
ns
Chip Select to Output
tCO
-
15
-
20
ns
Output Enable to Valid Output
tOE
-
8
-
10
ns
Chip Enable to Low-Z Output
tLZ
3
-
3
-
ns
Output Enable to Low-Z Output
tOLZ
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ
0
6
0
8
ns
Output Disable to High-Z Output
tOHZ
0
6
0
8
ns
Output Hold from Address Change
tOH
3
-
3
-
ns
Chip Selection to Power Up Time
tPU
0
-
0
-
ns
Chip Selection to Power DownTime
tPD
-
15
-
20
ns
Output Loads(A)
DOUT
30pF*
480
255
+5.0V
* Including Scope and Jig Capacitance
Output Loads(B)
DOUT
5pF*
480
255
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+5.0V


Numéro de pièce similaire - KM641001A-20

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B-15 SAMSUNG-KM641001B-15 Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B-20 SAMSUNG-KM641001B-20 Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001BL-15 SAMSUNG-KM641001BL-15 Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001BL-20 SAMSUNG-KM641001BL-20 Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
More results

Description similaire - KM641001A-20

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com