Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


IR2107 Datasheet(Fiches technique) 6 Page - International Rectifier

Numéro de pièce IR2107
Description  HIGH AND LOW SIDE DRIVER
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo 

 
 6 page
background image
6
IR2106/IR21064/IR2107/IR21074
www.irf.com
14 Lead PDIP
14 Lead SOIC
IR21064
IR21064S
Lead Assignments
8 Lead PDIP
8 Lead SOIC
Lead Definitions
Symbol Description
HIN
Logic input for high side gate driver output (HO), in phase (IR2106/IR21064)
HIN
Logic input for high side gate driver output (HO), out of phase (IR2107/IR21074)
LIN
Logic input for low side gate driver output (LO), in phase (IR2106/IR21064)
LIN
Logic input for low side gate driver output (LO), out of phase (IR2107/IR21074)
VSS
Logic Ground (IR21064 and IR21074 only)
VB
High side floating supply
HO
High side gate drive output
VS
High side floating supply return
VCC
Low side and logic fixed supply
LO
Low side gate drive output
COM
Low side return
IR2106
IR2106S
1
2
3
4
8
7
6
5
VCC
HIN
LIN
COM
VB
HO
VS
LO
1
2
3
4
8
7
6
5
VCC
HIN
LIN
COM
VB
HO
VS
LO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
HIN
LIN
VSS
COM
LO
VB
HO
VS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
HIN
LIN
VSS
COM
LO
VB
HO
VS




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
IRS2011PBFHIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
NCP5181High Voltage High and Low Side Driver 1 2 3 4 5 MoreON Semiconductor
ADA4310Low Cost Dual High Current Output Line Driver with Shutdown 1 2 3 4 5 MoreAnalog Devices
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
2ED020I12-FDual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1 2 3 4 5 Moreeupec GmbH
IRS21851SPBFSINGLE HIGH SIDE DRIVER IC 1 2 3 4 5 MoreInternational Rectifier
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)
VN800SHIGH SIDE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
ADE7169F16Single-Phase Energy Measurement IC with 8052 MCU RTC and LCD driver 1 2 3 4 5 MoreAnalog Devices

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl