Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP106YZCRG4 Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce TMP106YZCRG4
Description  Digital Temperature Sensor with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP106YZCRG4 Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  TMP106YZCRG4 Datasheet HTML 1Page - Burr-Brown (TI) TMP106YZCRG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP106YZCRG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP106YZCRG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP106YZCRG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP106YZCRG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP106YZCRG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP106YZCRG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP106YZCRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
D TWO ADDRESSES
D DIGITAL OUTPUT: Two-Wire Serial Interface
D RESOLUTION: 9- to 12-Bits, User-Selectable
D ACCURACY:
±2.0°C (max) from −25°C to +85°C
±3.0°C (max) from −40°C to +125°C
D LOW QUIESCENT CURRENT:
50
µA, 0.1µA Standby
D NO POWER-UP SEQUENCE REQUIRED, I2C
PULLUPS CAN BE ENABLED PRIOR TO V+
APPLICATIONS
D NOTEBOOK COMPUTERS
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D CELL PHONES
D BATTERY MANAGEMENT
D THERMOSTAT CONTROLS
D ENVIRONMENTAL MONITORING AND HVAC
0
A1
B1
C1
A2
B2
C2
SDA
SCL
V+
GND
ALERT
A0
YZC LEAD−FREE
2 X 3 ARRAY
(TOP VIEW)
Note: Pin A1 is marked with a
for Pb−free (YZC)
1,65 mm
1,50 mm
1,15 mm
1,00 mm
(Bump Side Down)
‘’
DESCRIPTION
The TMP106 is a two-wire, serial output temperature
sensor available in a WCSP package. Requiring no
external components, the TMP106 is capable of reading
temperatures with a resolution of 0.0625
°C.
The TMP106 features a Two-Wire interface that is
SMBus-compatible, with the TMP106 allowing up to two
devices on one bus. The TMP106 also features an SMBus
Alert function.
The
TMP106
is
ideal
for
extended
temperature
measurement in a variety of communication, computer,
consumer, environmental, industrial, and instrumentation
applications.
The TMP106 is specified for operation over a temperature
range of −40
°C to +125°C.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP106
Temperature
V+
SDA
A1
C1
A2
C2
GND
A0
SCL
B1
B2
ALERT
TMP106
SLLS672A − OCTOBER 2005 − REVISED JANUARY 2006
Digital Temperature Sensor
with Two-Wire Interface
Chip-Scale
Package
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2005−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Numéro de pièce similaire - TMP106YZCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP100 TI-TMP100 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Description similaire - TMP106YZCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com