Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRS21851SPBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRS21851SPBF
Description  SINGLE HIGH SIDE DRIVER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRS21851SPBF Fiches technique(HTML) 1 Page - International Rectifier

  IRS21851SPBF Datasheet HTML 1Page - International Rectifier IRS21851SPBF Datasheet HTML 2Page - International Rectifier IRS21851SPBF Datasheet HTML 3Page - International Rectifier IRS21851SPBF Datasheet HTML 4Page - International Rectifier IRS21851SPBF Datasheet HTML 5Page - International Rectifier IRS21851SPBF Datasheet HTML 6Page - International Rectifier IRS21851SPBF Datasheet HTML 7Page - International Rectifier IRS21851SPBF Datasheet HTML 8Page - International Rectifier IRS21851SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for VBS and V CC
3.3 V and 5 V input logic compatible
Tolerant to negative transient voltage
Matched propagation delays for all channels
Description
The IRS21851 is a high voltage, high speed power
MOSFET and IGBT single high-side driver with propa-
gation delay matched output channels. Proprietary
HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. The floating logic
input is compatible with standard CMOS or LSTTL
output, down to 3.3 V logic and can be operated up to
600 V above the ground. The output driver features a
high pulse current buffer stage designed for mini-
mum driver cross-conduction. The floating channel
can be used to drive an N-channel power MOSFET
or IGBT in the high- side configuration, which oper-
ates up to 600 V.
SINGLE HIGH SIDE DRIVER IC
Product Summary
VOFFSET
600 V max.
IO+/-
4 A / 4 A
VOUT
10 V - 20 V
ton/off (typ.)
170 ns & 170 ns
Package
Typical Connection
8-Lead SOIC
IRS21851
IRS21851SPbF
www.irf.com
1
Data Sheet No. PD60255
(Refer to Lead Assignments for correct pin configuration). This diagram shows electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
VCC
VB
VS
HO
IN
COM
up to 600V
V
CC
IN
TO
LOAD
RoHS compliant


Numéro de pièce similaire - IRS21851SPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRS21850S IRF-IRS21850S Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IRS21850SPBF IRF-IRS21850SPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IRS21850SPBF IRF-IRS21850SPBF Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
More results

Description similaire - IRS21851SPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS44273L IRF-IRS44273L Datasheet
1Mb / 15P
   Single Low-Side Driver IC
IRS44273L IRF-IRS44273L_15 Datasheet
461Kb / 15P
   Single Low-Side Driver IC
logo
Infineon Technologies A...
IRS44273LPBF INFINEON-IRS44273LPBF Datasheet
588Kb / 15P
   Single Low-Side Driver IC
January 15, 2015
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF_15 Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF Datasheet
194Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com