Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9205 Fiches technique(PDF) 14 Page - Richtek Technology Corporation

No de pièce RT9205
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205 Fiches technique(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9205 Datasheet HTML 8Page - Richtek Technology Corporation RT9205 Datasheet HTML 9Page - Richtek Technology Corporation RT9205 Datasheet HTML 10Page - Richtek Technology Corporation RT9205 Datasheet HTML 11Page - Richtek Technology Corporation RT9205 Datasheet HTML 12Page - Richtek Technology Corporation RT9205 Datasheet HTML 13Page - Richtek Technology Corporation RT9205 Datasheet HTML 14Page - Richtek Technology Corporation RT9205 Datasheet HTML 15Page - Richtek Technology Corporation RT9205 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
RT9205/A
Preliminary
www.richtek.com
DS9205/A-03 May 2003
14
MOSFETs and the load. Also locate the PWM
controller near by MOSFETs.
A multi-layer printed circuit board is recommended.
Fig.13 shows the connections of the critical
components in the converter. Note that the capacitors
CIN and COUT represent numerous physical
capacitors. Use a dedicated grounding plane and use
vias to ground all critical components to this layer.
Apply another solid layer as a power plane and cut
this plane into smaller islands of common voltage
levels. The power plane should support the input
power and output power nodes. Use copper filled
polygons on the top and bottom circuit layers for the
PHASE node, but it is not necessary to oversize this
particular island. Since the PHASE node is subjected
to very high dV/dt voltages, the stray capacitance
formed between these islands and the surrounding
circuitry will tend to couple switching noise. Use the
remaining printed circuit layers for small signal
routing. The PCB traces between the PWM controller
and the gate of MOSFET and also the traces
connecting source of MOSFETs should be sized to
carry 2A peak currents.
Fig. 13
+
+
+
LOAD
RT9205/A
VCC
GND
FB
LGATE
UGATE
VOUT
IQ1
IL
Q1
Q2
IQ2
5V
GND


Numéro de pièce similaire - RT9205

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205AGS RICHTEK-RT9205AGS Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205APS RICHTEK-RT9205APS Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205GS RICHTEK-RT9205GS Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205PS RICHTEK-RT9205PS Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results

Description similaire - RT9205

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com