Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3084 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL3084
Description  5GHz VCO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3084 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL3084 Datasheet HTML 1Page - Intersil Corporation ISL3084 Datasheet HTML 2Page - Intersil Corporation ISL3084 Datasheet HTML 3Page - Intersil Corporation ISL3084 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Voltage on Any Other Pin . . . . . . . . . . . . . . . . . . -0.3 to VCC +0.3V
VCC to VCC Decouple . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3V
Any GND to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3V
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . .-40o to 85oC
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 3.3V
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
QFN Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
47
Junction Temperature (Plastic Package) . . . . . . . . . .
150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
For recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
General DC Electrical Specifications
TA = 25oC
PARAMETER
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
-
3.0
V
Supply Current @ 3.3V
--
20
mA
Power Down Supply Current
-
-
100
µA
Power Up Time, Filtering dependent
-
50
-
µs
Power Down Time
--
1
µs
CMOS Low-Level Input Voltage
-
-
0.3*VCC
V
CMOS High-Level Input Voltage
0.7*VCC
--
V
CMOS High- or Low-Level Input Current
-10
-
10
µA
AC Electrical Specifications
VCC = 2.7 to 3.3V, Vtune operation from 0.5 to 2.2V, TA = 25oC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Ranges
Vtune = 0.5V
-
4.67
4.79
GHz
Vtune = 1.35V
-
4.92
-
GHz
Vtune = 2.2V
5.0
5.19
-
GHz
Tuning Voltage Temperature Coefficient
Vtune = 1.35V, -40 to 85oC-
40
-
MHz
Tuning Pin Input Leakage
Vtune = 2.0V
-
-
2
µA
VCO Gain
Vtune = 1.35V
250
300
350
MHz/V
VCO Gain Temperature Coefficient
Vtune = 1.35V, -40 to 85oC-
20
-
MHz/V
Phase Noise
Offset 10kHz
65
70
-
dBc/Hz
Offset 100kHz
-
95
-
dBc/Hz
Phase Noise Temperature Coefficient
Offset @ 10kHz, 0 to 85oC-
1
4
dB
Integrated Phase Noise @ 5GHz.
10kHz to 1MHz
-
1.6
deg_rms
Output Power
Differential into 100
-9
-4
-
dBm
Supply Pushing
VCC = 2.7V–3.3V, across Vtune range
-3
+2
+10
MHz
Load Pulling
VSWR = 2:1
1.8
MHz
Output VSWR
2:1 BALUM
-
1.3:1
-
ISL3084


Numéro de pièce similaire - ISL3084

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
ISL3034E INTERSIL-ISL3034E Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
ISL3034E INTERSIL-ISL3034E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Intersil Corporation
ISL3034EIRTZ INTERSIL-ISL3034EIRTZ Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
More results

Description similaire - ISL3084

FabricantNo de pièceFiches techniqueDescription
logo
RF Micro Devices
RFVC1801 RFMD-RFVC1801_14 Datasheet
614Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 5GHz to 10GHz
RFVC1801 RFMD-RFVC1801 Datasheet
510Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
logo
Maxim Integrated Produc...
MAX2852 MAXIM-MAX2852 Datasheet
2Mb / 27P
   5GHz Receiver
Rev 3; 8/18
logo
Pulse A Technitrol Comp...
W3919B0050 PULSE-W3919B0050 Datasheet
1,018Kb / 11P
   5GHZ PCB ANTENNA
W3713 PULSE-W3713 Datasheet
1Mb / 14P
   5GHz WiFi SMT Antenna
W3917B0050 PULSE-W3917B0050 Datasheet
1Mb / 14P
   2.4/5GHZ FPC ANTENNA
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1608060K9T WALSIN-RFBPF1608060K9T Datasheet
865Kb / 7P
   5GHz ISM Working Frequency
logo
Pulse A Technitrol Comp...
DPX1608LL65R2455A PULSE-DPX1608LL65R2455A Datasheet
410Kb / 4P
   1608 2.4G&5GHz Diplexer
DPX1608LL83R2455A PULSE-DPX1608LL83R2455A Datasheet
493Kb / 4P
   1608 2.4G&5GHz Diplexer
logo
Dielectric Laboratories...
L050XF9S DILABS-L050XF9S Datasheet
406Kb / 2P
   5GHz Surface Mount LPF
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com