Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM10CA151JO3-RHTR02 Fiches technique(PDF) 3 Page - Sharma Electro Components,Inc

No de pièce DM10CA151JO3-RHTR02
Description  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARMA [Sharma Electro Components,Inc]
Site Internet  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM10CA151JO3-RHTR02 Fiches technique(HTML) 3 Page - Sharma Electro Components,Inc

  DM10CA151JO3-RHTR02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM10CA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TYPE 1- Capacitance in pF,
tolerance in percentage or +/-
pF and voltage(Vdc) are indi-
cated in numbers along with
the brand marking. Brand
marking of “SAHA”, “S
H”,
"SM",“KEC” are common. Parts are
also supplied with no brand
marking in some cases based
on product availability and
customer requirements.
Part Marking
150 ± 5%
500V
SAHA
CM 05 FD
151JO3
SAHA
151J or
150 pF
+/- 5%
TYPE 1
TYPE 3
TYPE 2
TYPE 2 - Formerly for
Military certified Capacitors.
The CM series code has
been discontinued.
TYPE 3 - Capacitance in
EIA capacitance code
(as in Type 2) and toler-
ance with tolerance code
or capacitance value in
pF with tolerance in +/-
% or +/- pF are marked
on
the
capacitors.
Voltage is not marked on
the part. Brand marking
is optional.
MICA CAPACITOR -
PART NUMBERING SYSTEM
Sample Part Number: DM
15FD151JO3 Description: DM15 Series, 150pF, 500 Volt, 5%, RoHS Compliant, Tape & Reel, Inside Crimped
D
M
1
5
F
D
1
5
1
J
O
3 - RH T
R
0
2
Series
Enter Series Code: (up to 4 Characters)
Series included: DM05, DM10, DM12, DM15,
DM19, DM20, DM30, DM42.
Characteristic
Enter characteristic code: ( 1 Character)
Temperature
Characteristic
Coefficient
Capacitance
Letter
PPM/C
Drift
C
-200 to +200
± (0.5% + 0.1pF)
D
-100 to +100
± (0.3% + 0.1pF)
E
-20 to +100
± (0.1% + 0.1pF)
F
0 to +70
± (0.05% + 0.1pF)
see catalog for individual part characteristic code
Rated Voltage
Enter voltage code: (1 character)
RatedVoltageCode
RatedVoltageCode
LetterCode
Volts DCW
LetterCode
Volts DCW
Y
50
E
350
A
100
D
500
C
300
F*
1000*
* Note: Not for use in snubber applications
Capacitance
Enter EIA Capacitance Code: (3 Digits)
First Two Digits represents significant figures of capacitance in Picofarads.
Third Digit indicates number of zeros to follow.
Example: 10pF = 100, 100pF = 101, 1000pF = 102
Tolerance
Enter Capacitance Tolerance Code: ( 1 Character)
Tolerance Code
D
±0.5pF
H
± 3 %
E
± 0.5 %
J
± 5 %
F
± 1 %
K
± 10 %
G
± 2 %
Temperature Range
Code O = -55 to +125 C
Vibration Grade
Standard Grade = 3
(see catalog for details)
Marking
RH= RoHS Compliant; S for Standard non- RoHS Compliant parts
Package Type
Bulk
< Blank >
Ammo Pack
A
Tape & Reel
T
Special Specifications
C
Cut
followed by 2 Digit specification code 01 -99
R
Crimped
followed by 2 Digit specification code 01 -99
P
Cut & Crimped
followed by 2 Digit specification code 01 -99
Examples:
C 0 2 = cut leads to 0.175 mm
P 0 2 = cut leads to 0.175 mm and inside crimp
(See Special Specifications Sheet)
Rev D - 2/99
Sharma Mica Capacitors
Page 3
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Numéro de pièce similaire - DM10CA151JO3-RHTR02

FabricantNo de pièceFiches techniqueDescription
logo
Soshin electric Co., Lt...
DM10C151J5 SOSHIN-DM10C151J5 Datasheet
321Kb / 12P
   Capacitor Mica
More results

Description similaire - DM10CA151JO3-RHTR02

FabricantNo de pièceFiches techniqueDescription
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com