Moteur de recherche de fiches techniques de composants électroniques |
|
DM05CY102JO3-RHR02 Fiches technique(PDF) 1 Page - Sharma Electro Components,Inc |
|
DM05CY102JO3-RHR02 Fiches technique(HTML) 1 Page - Sharma Electro Components,Inc |
1 / 18 page Quick Reference Series Features Page DM05 Lead Spacing: 3.05 +/-0.8 mm 7 DM10 Lead Spacing: 3.57 +/-0.8 mm 9 DM12 Lead Spacing: 5.00 +/-0.8 mm 10 DM15 Lead Spacing: 5.95 +/-0.8 mm 11 DM19 Lead Spacing: 8.73 +/-0.8 mm 13 DM20 Lead Spacing: 11.11 +/-0.8 mm 15 DM30 Lead Spacing: 11.11 +/-0.8 mm High Capacitance 17 DM42 Lead Spacing: 26.99 +/-0.8 mm High Capacitance 17 Packaging Specifications 18 Sharma Mica Capacitors Page 1 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |
Numéro de pièce similaire - DM05CY102JO3-RHR02 |
|
Description similaire - DM05CY102JO3-RHR02 |