Moteur de recherche de fiches techniques de composants électroniques |
|
LS2803R5D Fiches technique(PDF) 8 Page - International Rectifier |
|
LS2803R5D Fiches technique(HTML) 8 Page - International Rectifier |
8 / 16 page 8 www.irf.com LS-SERIES Table 2: Dual Output Voltage Ranges and Constants Note: (1). Also the minimum and maximum adjustment limits of the output voltage. Placement of Radj An external resistor must be added in order to trim the output voltage of an LS converter. The placement of an Radj resistor (Rdown or Rup) must be as shown in Figure 1 for single output models and as per Figure 2 for dual output models. Please note that the connections are made to the specific pins. Rup is placed across Out Return and Out Adj pins for output voltage greater than nominal output. Similar connections apply for the dual output models. Model Voltage Range of Each Output (±Vout) (1) AB C D ±5.000 to ±5.500 196.91 17.12 1.71 17.12 ±4.500 to ±5.000 160.74 31.11 1.40 13.97 ±12.000 to ±13.200 475.43 17.05 1.71 40.92 ±10.800 to ±12.000 388.10 58.04 1.39 33.41 ±15.000 to ±16.500 594.31 17.03 1.70 51.09 ±13.500 to ±15.000 485.10 69.47 1.39 41.70 LS2805D LS2812D LS2815D |
Numéro de pièce similaire - LS2803R5D |
|
Description similaire - LS2803R5D |