Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6326B Fiches technique(PDF) 19 Page - Intersil Corporation

No de pièce ISL6326B
Description  4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6326B Fiches technique(HTML) 19 Page - Intersil Corporation

Back Button ISL6326B Datasheet HTML 15Page - Intersil Corporation ISL6326B Datasheet HTML 16Page - Intersil Corporation ISL6326B Datasheet HTML 17Page - Intersil Corporation ISL6326B Datasheet HTML 18Page - Intersil Corporation ISL6326B Datasheet HTML 19Page - Intersil Corporation ISL6326B Datasheet HTML 20Page - Intersil Corporation ISL6326B Datasheet HTML 21Page - Intersil Corporation ISL6326B Datasheet HTML 22Page - Intersil Corporation ISL6326B Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
FN9286.0
April 21, 2006
Dynamic VID
Modern microprocessors need to make changes to their
core voltage as part of normal operation. They direct the
core-voltage regulator to do this by making changes to the
VID inputs during regulator operation. The power
management solution is required to monitor the DAC inputs
and respond to on-the-fly VID changes in a controlled
manner. Supervising the safe output voltage transition within
the DAC range of the processor without discontinuity or
disruption is a necessary function of the core-voltage
regulator.
In order to ensure the smooth transition of output voltage
during VID change, a VID step change smoothing network,
composed of RREF and CREF as shown in Figure 6, can be
used. The selection of RREF is based on the desired offset
voltage as detailed above in Output-Voltage Offset
Programming. The selection of CREF is based on the time
duration for 1 bit VID change and the allowable delay time.
Assuming the microprocessor controls the VID change at 1
bit every TVID, the relationship between the time constant of
RREF and CREF network and TVID is given by the following
equation.
Operation Initialization
Prior to converter initialization, proper conditions must exist
on the enable inputs and VCC. When the conditions are met,
the controller begins soft-start. Once the output voltage is
within the proper window of operation, VR_RDY asserts
logic high.
Enable and Disable
While in shutdown mode, the PWM outputs are held in a
high-impedance state to assure the drivers remain off. The
following input conditions must be met before the ISL6326B
is released from shutdown mode.
1. The bias voltage applied at VCC must reach the internal
power-on reset (POR) rising threshold. Once this
threshold is reached, proper operation of all aspects of
the ISL6326B is guaranteed. Hysteresis between the
rising and falling thresholds assure that once enabled,
the ISL6326B will not inadvertently turn off unless the
bias voltage drops substantially (see Electrical
Specifications).
2. The ISL6326B features an enable input (EN_PWR) for
power sequencing between the controller bias voltage
and another voltage rail. The enable comparator holds
the ISL6326B in shutdown until the voltage at EN_PWR
rises above 0.875V. The enable comparator has about
130mV of hysteresis to prevent bounce. It is important
that the driver ICs reach their POR level before the
ISL6326B becomes enabled. The schematic in Figure 7
demonstrates sequencing the ISL6326B with the
ISL66xx family of Intersil MOSFET drivers, which require
12V bias.
3. The voltage on EN_VTT must be higher than 0.875V to
enable the controller. This pin is typically connected to the
output of VTT VR.
When all conditions above are satisfied, ISL6326B begins
the soft-start and ramps the output voltage to 1.1V first. After
remaining at 1.1V for some time, ISL6326B reads the VID
code at VID input pins. If the VID code is valid, ISL6326B will
regulate the output to the final VID setting. If the VID code is
OFF code, ISL6326B will shut down, and cycling VCC,
EN_PWR or EN_VTT is needed to restart.
Soft-Start
ISL6326B based VR has 4 periods during soft-start as
shown in Figure 8. After VCC, EN_VTT and EN_PWR reach
their POR/enable thresholds, The controller will have fixed
delay period TD1. After this delay period, the VR will begin
first soft-start ramp until the output voltage reaches 1.1V
Vboot voltage. Then, the controller will regulate the VR
voltage at 1.1V for another fixed period TD3. At the end of
TD3 period, ISL6326B reads the VID signals. If the VID code
is valid, ISL6326B will initiate the second soft-start ramp until
the voltage reaches the VID voltage minus offset voltage.
The soft-start time is the sum of the 4 periods as shown in
the following equation.
TD1 is a fixed delay with the typical value as 1.36ms. TD3 is
determined by the fixed 85µs plus the time to obtain valid
C
REF RREF
T
VID
=
(EQ. 13)
FIGURE 7. POWER SEQUENCING USING THRESHOLD-
SENSITIVE ENABLE (EN) FUNCTION
-
+
0.875V
EXTERNAL CIRCUIT
ISL6326B INTERNAL CIRCUIT
EN_PWR
+12V
POR
CIRCUIT
10k
Ω
91
ENABLE
COMPARATOR
SOFT-START
AND
FAULT LOGIC
EN_VTT
VCC
+
-
0.875V
T
SS
TD1TD2
TD3TD4
+++
=
(EQ. 14)
ISL6326B


Numéro de pièce similaire - ISL6326B

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326BCRZ RENESAS-ISL6326BCRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326BIRZ RENESAS-ISL6326BIRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results

Description similaire - ISL6326B

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com