Moteur de recherche de fiches techniques de composants électroniques |
|
STSMIA832 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
STSMIA832 Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 23 page STSMIA832 Pin configuration 7/23 . Data is sent byte-wise LSB first. The state of the data and strobe signals at the beginning of transmission are fixed i.e. the state of data is logic high and the state of strobe is logic low. The number of clock cycles between synchronization codes has to be even, both between SOL (or SOF) – EOL (or EOF) and EOL (or EOF) – SOL (or SOF). This ensures synchronization is possible with minimum complexity to achieve the fastest possible implementation. The strobe signal can be gated when using the data/strobe signaling, but only if the number of clock cycles is even between synchronization codes. If the number of transmission clock cycles between synchronization codes is even, it ensures that for each synchronization code sequence FF0000h there will be corresponding strobe sequence of 55AAAAh as illustrated in the Figure 3 below. Figure 5. Data-Strobe signaling Figure 6. Data-Strobe phase relationship |
Numéro de pièce similaire - STSMIA832 |
|
Description similaire - STSMIA832 |