Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33976 Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc

No de pièce MC33976
Description  Dual Gauge Driver with Configurable Response Time
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33976 Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33976 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33976
Rev
. 3.0, 8/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Dual Gauge Driver with
Configurable Response Time
The 33976 is a single-packaged, Serial Peripheral Interface (SPI)
controlled, dual step motor gauge driver integrated circuit (IC). This
monolithic IC consists of four dual output H-Bridge coil drivers and the
associated control logic. Each pair of H-Bridge drivers is used to
automatically control the speed, direction, and magnitude of current
through the two coils of a two-phase instrumentation step motor,
similar to an MMT-licensed AFIC 6405 or Switec MS-X15.xxx motor.
The 33976 is ideal for use in automotive instrumentation systems
requiring distributed and flexible step motor gauge driving. The
device also eases the transition to step motors from air core motors
by emulating the air core pointer movement with little additional
processor bandwidth utilization.
Features
•MMT-Licensed Two-Phase Step Motor Compatible
•Switec MS-X15.xxx Step Motor Compatible
•Minimal Processor Overhead Required
•Fully Integrated Pointer Movement and Position State Machine
with Channel-Independent Configurable Pointer Movement
•4096 Possible Steady State Pointer Positions
•340° Maximum Pointer Sweep
•Maximum Acceleration of 4500°/s2
•Maximum Pointer Velocity of 400°/s
•Analog Microstepping (12 Steps/Degree of Pointer Movement)
•Pointer Calibration and Return to Zero (RTZ)
•SPI-Controlled 16-Bit Word
•Calibratable Internal Clock
•Low Sleep Mode Current
•Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33976 Simplified Application Diagram
CONFIGURABLE DUAL GAUGE DRIVER
33976
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33976DW/R2
-40°C to 125°C
24 SOICW
MCZ33976EG/R2
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42344B
24-LEAD SOICW
5.0 V
Regulator
MCU
V
PWR
VPWR
33976
V
DD
RTZ
RST
CS
SCLK
SI
SO
GND
Motor 0
SIN0+
SIN0-
COS0+
COS0-
Motor 1
SIN1+
SIN1-
COS1+
COS1-
VDD


Numéro de pièce similaire - MC33976

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33976DW FREESCALE-MC33976DW Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
MC33976DWR2 FREESCALE-MC33976DWR2 Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
More results

Description similaire - MC33976

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
33976 FREESCALE-33976_07 Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
EAITRCA5 EVERLIGHT-EAITRCA5 Datasheet
305Kb / 7P
   Fast response time
EAITRCA6 EVERLIGHT-EAITRCA6 Datasheet
319Kb / 7P
   Fast response time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com