Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEF6890H Fiches technique(PDF) 32 Page - NXP Semiconductors

No de pièce TEF6890H
Description  Car radio integrated signal processor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6890H Fiches technique(HTML) 32 Page - NXP Semiconductors

Back Button TEF6890H Datasheet HTML 28Page - NXP Semiconductors TEF6890H Datasheet HTML 29Page - NXP Semiconductors TEF6890H Datasheet HTML 30Page - NXP Semiconductors TEF6890H Datasheet HTML 31Page - NXP Semiconductors TEF6890H Datasheet HTML 32Page - NXP Semiconductors TEF6890H Datasheet HTML 33Page - NXP Semiconductors TEF6890H Datasheet HTML 34Page - NXP Semiconductors TEF6890H Datasheet HTML 35Page - NXP Semiconductors TEF6890H Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
2003 Oct 21
32
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
11.2.6
SUBADDRESS 8H; HIGHCUT
Table 30 Format of data byte 8H with default setting
Table 31 Description of data byte 8H
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
HST2
HST1
HST0
HSL1
HSL0
HCF2
HCF1
HCF0
01101111
BIT
SYMBOL
DESCRIPTION
7 to 5
HST[2:0]
High cut control start (weak signal processing). See Fig.9.
4 and 3
HSL[1:0]
High cut control slope (weak signal processing). See Fig.10.
2 to 0
HCF[2:0]
Fixed high cut control (maximum HCC bandwidth). See Table 32 and Fig.11.
handbook, full pagewidth
MHC336
0
0.5
Veq (V)
12
1.5
α
HCC
(dB)
2.5
3
3.5
0
12
15
9
6
3
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Fig.9 High cut control attenuation
αHCC as a function of equivalent level voltage Veq (start).
(5) HST[2:0] = 100 = 2.5 V.
(6) HST[2:0] = 101 = 3 V.
(7) HST[2:0] = 110 = 3.5 V.
(8) HST[2:0] = 111 = 4 V.
HCF[2:0] = 111, HCSF = 0,
HSL[1:0] = 10 and faudio =10kHz
(1) HST[2:0] = 000 = 1.5 V.
(2) HST[2:0] = 001 = 1.75 V.
(3) HST[2:0] = 010 = 2 V.
(4) HST[2:0] = 011 = 2.25 V.


Numéro de pièce similaire - TEF6890H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
More results

Description similaire - TEF6890H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com