Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13760 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC13760
Description  GSM/DCS/TDMA/AMPS Multi-Protocol Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13760 Fiches technique(HTML) 1 Page - Motorola, Inc

  MC13760 Datasheet HTML 1Page - Motorola, Inc MC13760 Datasheet HTML 2Page - Motorola, Inc MC13760 Datasheet HTML 3Page - Motorola, Inc MC13760 Datasheet HTML 4Page - Motorola, Inc MC13760 Datasheet HTML 5Page - Motorola, Inc MC13760 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MC13760
SEMICONDUCTOR
TECHNICAL DATA
MULTI–PROTOCOL
TRANSCEIVER
PLASTIC PACKAGE
CASE 1285
(BGA–104)
Order this document by MC13760PP/D
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
MC13760
TA = –40 to 85°C
BGA–104
1
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
Product Preview
GSM/DCS/TDMA/AMPS
Multi-Protocol Transceiver
The MC13760 Multi–Protocol, Multi–Band Digital Transceiver IC
combines, on a single Advanced BiCMOS chip, the major building blocks
required for next generation multi–purpose, multi–band wireless products.
The device includes the majority of the circuitry necessary for IF signal
processing between the RF front end and the DSP and backend. The
MC13760 contains two fractional–N synthesizers, a re–configurable zero IF
receiver with programmable bandwidth, receive A/D conversion, multi–rate
data interface to the baseband DSP, direct launch digital modulator, full
transmit support circuits, and general purpose support circuits such as D/A
and A/D converters, battery save and tri–state control switches.
Intended for use in a combined GSM/TDMA/AMPS/iDEN portable
wireless phone product in the 800/900/1800/1900 MHz bands. The
MC13760 can be used over a wide range of RF and IF frequencies. The
main PLL prescaler input is usable to over 2.0 GHz and the IF quadrature
downconverter operates up to 400 MHz.
The MC13760 has separate receive IF inputs and a common zero–IF IQ
receiver for TDMA and for GSM accommodating the receiver architectural
need to use different IF frequencies and filters without the need for additional
switches.
Receiver Functions for all GSM/DCS/TDMA IS–136/AMPS Modes and
Frequencies Including GPRS
Direct Interface to Motorola Baseband Processors, such as the
DSP56690 through a Common Programming and Data Interface
Main Three Accumulator (24–Bit) Fractional–N Synthesizer
Resolution Capability of 6.0 Hz
Dual–Mode Charge Pump Output for TDMA TX VCO and all RX
Independent Charge Pump Output for the GSM/DCS TX VCO
GMSK Lookup ROM for Direct Transmission in GSM/DCS Mode
Digital 16–Bit Automatic Frequency Control
Secondary Three Accumulator (24–Bit) Fractional–N Synthesizer for
use as an Accurate Frequency–Corrected Clock in GSM, or as an
Additional Low Frequency LO
Coarse Tuning of the VCO(s) via a 6–Bit D/A with Adapt
Operates at 2.75 V Deep Sleep Mode with Current as low as 50 µA
Versatile Frequency Generation including Linear and Constant Envelope
Modulation Paths, Ramp and Power Level Control, Direct Gain Control
of the RFPA in the TDMA Mode
D/A Conversion of TDMA TXI and TXQ
Reference Crystal Oscillator with a Buffered Output, Compensation/Fine
Tuning via 9–Bit D/A
Receiver Gain Adjustment and Bandwidth Down to 6.0 kHz
Programmed over the SPI Bus
A/D Conversion of RXI and RXQ to 8–Bit or 10–Bit Resolution
Types of Applications
GSM/DCS/TDMA/AMPS Global Roaming Multiband Cellular
Telephone
VHF/UHF 2–Way or Trunked Radio, iDEN, Tetra, or Satellite
Communication Radios or Telephones
Hand–Held Wireless PDA’s
Wireless LAN’s, Industrial Devices, ISM Band Products
Any New Device Containing Some Combination of the Above
Functions
This document contains information on a product under development. Motorola reserves the
right to change or discontinue this product without notice.
© Motorola, Inc. 2000
Rev 0


Numéro de pièce similaire - MC13760

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
   TV Video Modulator
MC1374 MOTOROLA-MC1374 Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC1374P MOTOROLA-MC1374P Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC13751 MOTOROLA-MC13751 Datasheet
113Kb / 5P
   DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
MC13751FCR2 MOTOROLA-MC13751FCR2 Datasheet
113Kb / 5P
   DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
More results

Description similaire - MC13760

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UAA3535HL PHILIPS-UAA3535HL Datasheet
118Kb / 24P
   Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
[Old version datasheet]   Multi-Protocol Transceiver IC
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
   AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P0T WALSIN-RFCPL1608070P0T Datasheet
538Kb / 2P
   AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P1T WALSIN-RFCPL1608070P1T Datasheet
538Kb / 2P
   AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
logo
Zarlink Semiconductor I...
MGCM01 ZARLINK-MGCM01 Datasheet
397Kb / 18P
   TDMA/AMPS Baseband Interface
logo
M/A-COM Technology Solu...
DP52-0005 MA-COM-DP52-0005 Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
MAFLCC0001 MACOM-MAFLCC0001 Datasheet
288Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
MAFLCC0003 MACOM-MAFLCC0003 Datasheet
209Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
M/A-COM Technology Solu...
MAFLCC0001 MA-COM-MAFLCC0001 Datasheet
82Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com