Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54AC109 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54AC109
Description  Dual j-k Flip-Flop with Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54AC109 Fiches technique(HTML) 8 Page - Texas Instruments

  CD54AC109 Datasheet HTML 1Page - Texas Instruments CD54AC109 Datasheet HTML 2Page - Texas Instruments CD54AC109 Datasheet HTML 3Page - Texas Instruments CD54AC109 Datasheet HTML 4Page - Texas Instruments CD54AC109 Datasheet HTML 5Page - Texas Instruments CD54AC109 Datasheet HTML 6Page - Texas Instruments CD54AC109 Datasheet HTML 7Page - Texas Instruments CD54AC109 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD54AC109F3A
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
CD74AC109E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74AC109EE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74AC109M96
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74AC109M96E4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
29-Jun-2006
Addendum-Page 1


Numéro de pièce similaire - CD54AC109

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
   Dual J-K Flip-Flop with Set and Reset
logo
Texas Instruments
CD54AC109 TI-CD54AC109 Datasheet
346Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC109 TI-CD54AC109 Datasheet
541Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC109F3A TI-CD54AC109F3A Datasheet
346Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC109F3A TI-CD54AC109F3A Datasheet
541Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Description similaire - CD54AC109

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
   Dual J-K Flip-Flop with Set and Reset
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
   Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
System Logic Semiconduc...
SL74HC109 SLS-SL74HC109 Datasheet
47Kb / 5P
   Dual J-K Flip-Flop with Set and Reset
SL74HC112 SLS-SL74HC112 Datasheet
49Kb / 6P
   Dual J-K Flip-Flop with Set and Reset
logo
Integral Corp.
IN74ACT109 INTEGRAL-IN74ACT109 Datasheet
183Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
List of Unclassifed Man...
GD74HCT113 ETC1-GD74HCT113 Datasheet
256Kb / 6P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC74HC112 ONSEMI-MC74HC112_13 Datasheet
138Kb / 7P
   Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
logo
List of Unclassifed Man...
GD74HCT76 ETC1-GD74HCT76 Datasheet
274Kb / 6P
   DUAL J-K FLIP-FLOP WITH SET AND RESET & CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com