Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB4923 Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce CDB4923
Description  Evaluation Board
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4923 Fiches technique(HTML) 5 Page - Cirrus Logic

  CDB4923 Datasheet HTML 1Page - Cirrus Logic CDB4923 Datasheet HTML 2Page - Cirrus Logic CDB4923 Datasheet HTML 3Page - Cirrus Logic CDB4923 Datasheet HTML 4Page - Cirrus Logic CDB4923 Datasheet HTML 5Page - Cirrus Logic CDB4923 Datasheet HTML 6Page - Cirrus Logic CDB4923 Datasheet HTML 7Page - Cirrus Logic CDB4923 Datasheet HTML 8Page - Cirrus Logic CDB4923 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
CDB4923 CDB49300
DS262DB2
5
1. CDB4923 VS. CDB49300
The CDB4923 and CDB49300 are two customer
development boards built from a single platform -
the CDB4923/300. This development board replac-
es the CDB4923 Rev. A and Rev. B.
Although the CDB4923/CDB49300 boards look
very similar, it is important to be aware that when
shipped from the factory, the CDB4923 is config-
ured for only the CS4923 family of audio decoders
and the CDB49300 is configured only for the
CS49300 family of audio decoders.
The features distinguishing the two boards are the
following:
DSP Power Setting
DSP PLL Filter Topology
1.1
DSP Power
The CS4923 family is designed to operate with a
core voltage of +3.3 V, and the CDB4923 is
shipped with the DSP Power jumper in the +3.3 V
position. The CS49300 family is designed to oper-
ate with a core voltage of +2.5 V, and the
CDB49300 is shipped with the DSP Power jumper
in the +2.5 V position. Attempting to use an audio
decoder on the wrong board (e.g., CS49300 on a
CDB4923) can cause unpredictable results and
damage the decoder.
1.2
DSP PLL Filter
The PLL of the CS4923 is different than that of the
CS49300. Consequently, the optimized external
PLL filters for each family of audio decoders is dif-
ferent. The CDB4923 is optimized for the CS4923
family and the CDB49300 is optimized for the
CS49300 family. Attempting to use an audio de-
coder on the wrong board (e.g., CS49300 on a
CDB4923) can cause unpredictable results.
Specifically, the relevant PLL filter components
for the CDB4923 are:
R246 = 0
C155 = 0.22
µF
The relevant PLL filter components for the
CDB49300 are:
R246 = 33 k
C155 = 0.22
µF
C113 = 0.01
µF
Although the boards are tailored for one specific
family of audio decoders, the operation of the
CDB4923 and CDB49300 is effectively the same.
This document will generically refer to the
CDB4923/300 except in those instances where
there is a difference between the boards.
2. OPERATION
The CDB4923/300 is designed to allow full evalu-
ation of the CS4923 family and CS49300 family of
audio DSPs. The members of each audio decoder
family are electrically equivalent, so it is possible
to use any member of the CS4923 family in the
CDB4923 and any member of the CS49300 family
in the CDB49300. In the context of this document,
CS492x should be interpreted as any member of the
CS4923 family and CS493xx should be understood
to be any member of the CS49300 family.
The CDB4923/300 is composed of 8 distinct re-
gions: DSP, Control Interface, Control Logic,
Clocks, Analog I/O, Digital I/O, Patch area, and
Power. Each board region has a number of compo-
nents and will be briefly discussed below. A more
thorough description of each will be given in dedi-
cated sections of this document which can be
quickly located in the Table of Contents.
The DSP section includes the audio decoder
(CS492x Multichannel Audio Decoder or CS493xx
Universal Audio Decoder) under evaluation, jump-
ers for controlling DSP power and DSP configura-
tion pins, and stake headers which provide access
to all relevant DSP pins. The jumpers allow the
user to select between +2.5 V or +3.3 V on the DSP
power pins (pre-configured at the factory for the


Numéro de pièce similaire - CDB4923

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB4954A CIRRUS-CDB4954A Datasheet
1Mb / 20P
   Evaluation Board
CDB4954A CIRRUS-CDB4954A Datasheet
1Mb / 60P
   NTSC/PAL Digital Video Encoder
CDB4955A CIRRUS-CDB4955A Datasheet
1Mb / 20P
   Evaluation Board
CDB4955A CIRRUS-CDB4955A Datasheet
1Mb / 60P
   NTSC/PAL Digital Video Encoder
More results

Description similaire - CDB4923

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com