Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1408-8D Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce MC1408-8D
Description  8-bit multiplying D/A converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC1408-8D Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button MC1408-8D Datasheet HTML 2Page - NXP Semiconductors MC1408-8D Datasheet HTML 3Page - NXP Semiconductors MC1408-8D Datasheet HTML 4Page - NXP Semiconductors MC1408-8D Datasheet HTML 5Page - NXP Semiconductors MC1408-8D Datasheet HTML 6Page - NXP Semiconductors MC1408-8D Datasheet HTML 7Page - NXP Semiconductors MC1408-8D Datasheet HTML 8Page - NXP Semiconductors MC1408-8D Datasheet HTML 9Page - NXP Semiconductors MC1408-8D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product data
MC1408-8
8-bit multiplying D/A converter
2001 Aug 03
6
Output Current Range
Any time the full-scale current exceeds 2 mA, the negative supply
must be at least 8 V more negative than the output voltage. This is
due to the increased internal voltage drops between the negative
supply and the outputs with higher reference currents.
Accuracy
Absolute accuracy is the measure of each output current level with
respect to its intended value, and is dependent upon relative
accuracy, full-scale accuracy and full-scale current drift. Relative
accuracy is the measure of each output current level as a fraction of
the full-scale current after zero-scale current has been nulled out.
The relative accuracy of the MC1408-8 is essentially constant over
the operating temperature range because of the excellent
temperature tracking of the monolithic resistor ladder. The reference
current may drift with temperature, causing a change in the absolute
accuracy of output current; however, the MC1408-8 has a very low
full-scale current drift over the operating temperature range.
The MC1408-8 series is guaranteed accurate to within
±1/2 LSB at
+25
°C at a full-scale output current of 1.99 mA. The relative
accuracy test circuit is shown in Figure 6. The 12-bit converter is
calibrated to a full-scale output current of 1.99219 mA; then the
MC1408-8’s full-scale current is trimmed to the same value with R14
so that a zero value appears at the error amplifier output. The
counter is activated and the error band may be displayed on the
oscilloscope, detected by comparators, or stored in a peak detector.
Two 8-bit D-to-A converters may not be used to construct a 16-bit
accurate D-to-A converter. 16-bit accuracy implies a total of
±1/2 part in 65,536, or ±0.00076%, which is much more accurate
than the
±0.19% specification of the MC1408-8.
Monotonicity
A monotonic converter is one which always provides an analog
output greater than or equal to the preceding value for a
corresponding increment in the digital input code. The MC1408-8 is
monotonic for all values of reference current above 0.5 mA. The
recommended range for operation is a DC reference current
between 0.5 mA and 4.0 mA.
Settling Time
The worst case switching condition occurs when all bits are
switched on, which corresponds to a low-to-high transition for all
input bits. This time is typically 70 ns for settling to within 1/2LSB for
8-bit accuracy. This time applies when RL < 500 Ω and CO < 25 pF.
The slowest single switch is the least significant bit, which typically
turns on and settles in 65 ns. In applications where the D-to-A
converter functions in a positive going ramp mode, the worst-case
condition does not occur and settling times less than 70 ns may be
realized.
Extra care must be taken in board layout since this usually is the
dominant factor in satisfactory test results when measuring settling
time. Short leads, 100
µF supply bypassing for low frequencies,
minimum scope lead length, good ground planes, and avoidance of
ground loops are all mandatory.
MSB
A1
A2
A3
A4
A5
A6
A7
A8
A9 A10 A11 A12
12-BIT
D-TO-A
CONVERTER
ERROR MAX)
0 TO +10V OUTPUT
5k
50k
ERROR (1V = 1%)
NE530
LSB
100
950
5
6
7
8
9
10
11
12
MSB
LSB
MC1408
8-BIT
COUNTER
15
16
3
2
1
4
14
13
+
1k
C
(
±0.02%
VCC
VREF = 2V
VEE
0.1
µF
R14
SL00053
Figure 6. Relative Accuracy


Numéro de pièce similaire - MC1408-8D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1408-8D ONSEMI-MC1408-8D Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
NXP Semiconductors
MC1408-8D PHILIPS-MC1408-8D Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
ON Semiconductor
MC1408-8DG ONSEMI-MC1408-8DG Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
MC1408-8DR2 ONSEMI-MC1408-8DR2 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
MC1408-8DR2G ONSEMI-MC1408-8DR2G Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
More results

Description similaire - MC1408-8D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com