Moteur de recherche de fiches techniques de composants électroniques |
|
CRD5376 Fiches technique(PDF) 1 Page - Cirrus Logic |
|
CRD5376 Fiches technique(HTML) 1 Page - Cirrus Logic |
1 / 68 page Copyright © Cirrus Logic, Inc. 2006 (All Rights Reserved) www.cirrus.com CRD5376 Multichannel Seismic Reference Design Features Four Channel Seismic Acquisition Node – CS3301 geophone amplifiers (2x) – CS3302 hydrophone amplifiers (2x) – CS5372 dual ∆Σ modulators (2x) – CS5376A quad digital filter (1x) – CS4373A ∆Σ test DAC (1x) – Precision voltage reference – Clock recovery PLL On-board Microcontroller – SPI™ interface to digital filter – USB communication with PC PC Evaluation Software – Register setup & control – FFT frequency analysis – Time domain analysis – Noise histogram analysis General Description The CRD5376 board is a reference design for the Cirrus Logic multichannel seismic chip set. Data sheets for the CS3301, CS3302, CS4373A, CS5371/72, and CS5376A devices should be consulted when using the CRD5376 reference design. Pin headers connect external differential geophone or hydrophone sensors to the analog inputs of the mea- surement channels. An on-board test DAC creates precision differential analog signals for in-circuit perfor- mance testing without an external signal source. The reference design includes an 8051-type microcon- troller with hardware SPI™ and USB serial interfaces. The microcontroller communicates with the digital filter via SPI and with the PC evaluation software via USB. The PC evaluation software controls register and coeffi- cient initialization and performs time domain, histogram, and FFT frequency analysis on captured data. ORDERING INFORMATION CRD5376 Reference Design FEB ‘06 DS612RD1 |
Numéro de pièce similaire - CRD5376 |
|
Description similaire - CRD5376 |