Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB3318 Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce CDB3318
Description  Evaluation Board for CS3318
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB3318 Fiches technique(HTML) 4 Page - Cirrus Logic

  CDB3318 Datasheet HTML 1Page - Cirrus Logic CDB3318 Datasheet HTML 2Page - Cirrus Logic CDB3318 Datasheet HTML 3Page - Cirrus Logic CDB3318 Datasheet HTML 4Page - Cirrus Logic CDB3318 Datasheet HTML 5Page - Cirrus Logic CDB3318 Datasheet HTML 6Page - Cirrus Logic CDB3318 Datasheet HTML 7Page - Cirrus Logic CDB3318 Datasheet HTML 8Page - Cirrus Logic CDB3318 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
DS693DB2
CDB3318
The 10-pin, 2 column header, J88, provides unidirectional output access to the CS3318’s SPI MOSI and
CCLK signals, as well as its AD0, ENOut, and MUTE signals. All of the signals re-driven versions of those
present directly on their respective I/O pins on the CS3318. This header may be used to connect the serial
control signals between 2 or more CDB3318’s (out of J88 on one and in to J17 on another) for multiple
CS3318 SPI serial control evaluation.
1.5
Analog Inputs
RCA connectors supply the CS3318 analog inputs through single-ended passive circuits with no input filter-
ing. Refer to the CS3318 data sheet for the maximum input signal level.
Each analog input may be AC or DC coupled to its respective RCA connector. This selection is made via
the 2-pin headers labeled “DC Couple Input” and placed adjacent to each input connector on the board. To
DC couple an input connector, place a shunt across the respective header. To AC couple an input connec-
tor, remove the shunt from the respective header. By default, the input connectors are AC coupled to the
CS3318’s inputs.
1.6
Analog Outputs
The CS3318 analog outputs are routed through single-ended passive circuits with no output filtering and
connected to RCA jacks for easy evaluation.
Each analog output may be AC or DC coupled to its respective RCA connector. This selection is made via
the 2-pin headers labeled “DC Couple Output” and placed adjacent to each output connector on the board.
To DC couple an output connector, place a shunt across the respective header. To AC couple an output
connector, remove the shunt from the respective header. By default, the output connectors are AC coupled
to the CS3318’s outputs.
1.7
PC Interfaces
USB and RS-232 connections are provided to facilitate software control of the CS3318’s internal registers.
A graphical user interface is available for the CDB3318 to allow easy manipulation of the CS3318’s internal
registers. See the CS3318 datasheet for complete internal register descriptions.
To enable the CDB3318, simply connect the supplied USB cable from an available USB port on a PC to the
USB connector (J37), or alternatively connect a 9-pin serial cable from an available COM port on a PC to
the RS-232 connector (J42) and launch the Cirrus Logic FlexGUI software.
Refer to “PC Software Control” on page 5 for a description of the Graphical User Interface (GUI).


Numéro de pièce similaire - CDB3318

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
682Kb / 44P
   8-Channel Analog Volume Control
More results

Description similaire - CDB3318

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
   Evaluation Board for CS3308
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com