Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10188L Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10188L
Description  Hex Buffer With Enable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10188L Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10188L Datasheet HTML 1Page - ON Semiconductor MC10188L Datasheet HTML 2Page - ON Semiconductor MC10188L Datasheet HTML 3Page - ON Semiconductor MC10188L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10188
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
46
42
46
mAdc
Input Current
IinH
5
425
265
265
µAdc
IinH
9
460
290
290
µAdc
Output Voltage
Logic 1
VOH
2
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
–1.655
–1.630
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
Enable
Data
tPHL
tPLH
2
2
1.1
1.0
3.9
3.3
1.1
1.0
3.5
2.9
1.1
1.0
3.9
3.3
Rise/Fall Time
(20 to 80%)
tTLH
tTHL
2
1.1
3.7
1.1
3.3
1.1
3.7
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
5
5
8
1, 16
IinH
9
9
8
1, 16
Output Voltage
Logic 1
VOH
2
5
8
1, 16
Output Voltage
Logic 0
VOL
2
9
8
1, 16
Threshold Voltage
Logic 1
VOHA
2
5
8
1, 16
Threshold Voltage
Logic 0
VOLA
2
5
8
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
Enable
Data
tPHL
tPLH
2
2
9
5
2
2
8
8
1, 16
1, 16
Rise/Fall Time
(20 to 80%)
tTLH
tTHL
2
5
2
8
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Numéro de pièce similaire - MC10188L

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10188 MOTOROLA-MC10188 Datasheet
101Kb / 4P
   Hex Buffer With Enable
More results

Description similaire - MC10188L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H188 ONSEMI-MC10H188 Datasheet
96Kb / 3P
   Hex Buffer with Enable
1996 REV 5
logo
Motorola, Inc
MC10188 MOTOROLA-MC10188 Datasheet
101Kb / 4P
   Hex Buffer With Enable
logo
ON Semiconductor
MC10H188 ONSEMI-MC10H188_06 Datasheet
152Kb / 6P
   Hex Buffer with Enable
February, 2006 ??Rev. 7
logo
NXP Semiconductors
10188 PHILIPS-10188 Datasheet
180Kb / 4P
   Hex Buffer with Enable (Non-Inverting)
June 14 1990
logo
ON Semiconductor
MC10H189 ONSEMI-MC10H189_06 Datasheet
152Kb / 6P
   Hex Inverter with Enable
February, 2006 ??Rev. 8
MC10H189 ONSEMI-MC10H189 Datasheet
97Kb / 3P
   Hex Inverter with Enable
1996 REV 6
MC10189 ONSEMI-MC10189_02 Datasheet
86Kb / 4P
   Hex Inverter With Enable
January, 2002 ??Rev. 7
MC10189 ONSEMI-MC10189 Datasheet
101Kb / 4P
   Hex Inverter With Enable
1996 REV 5
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
NXP Semiconductors
74F378 PHILIPS-74F378 Datasheet
81Kb / 10P
   Hex D flip-flop with enable
1989 Oct 05
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com