Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZU9.1B3 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce PZU9.1B3
Description  Single Zener diodes in a SOD323F package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU9.1B3 Fiches technique(HTML) 4 Page - NXP Semiconductors

  PZU9.1B3 Datasheet HTML 1Page - NXP Semiconductors PZU9.1B3 Datasheet HTML 2Page - NXP Semiconductors PZU9.1B3 Datasheet HTML 3Page - NXP Semiconductors PZU9.1B3 Datasheet HTML 4Page - NXP Semiconductors PZU9.1B3 Datasheet HTML 5Page - NXP Semiconductors PZU9.1B3 Datasheet HTML 6Page - NXP Semiconductors PZU9.1B3 Datasheet HTML 7Page - NXP Semiconductors PZU9.1B3 Datasheet HTML 8Page - NXP Semiconductors PZU9.1B3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PZUXB_SER_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 7 March 2006
4 of 12
Philips Semiconductors
PZUxB series
Single Zener diodes in a SOD323F package
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
Table 8.
Characteristics per type; PZU2.4B to PZU5.6B3
Tj =25 °C unless otherwise specified.
PZU
xxx
Sel Working
voltage
VZ (V);
IZ =5mA
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K);
IZ =5mA
Diode
capacitance
Cd (pF)[1]
Non-repetitive peak
reverse current
IZSM (A)[2]
Min
Max
IZ = 0.5 mA IZ =5mA
Max
VR (V) Typ
Max
Max
2.4
B
2.3
2.6
1000
100
50
1
−1.6
450
8
2.7
B
2.5
2.9
1000
100
20
1
−2.0
440
8
B1
2.5
2.75
B2
2.65
2.9
3.0
B
2.80
3.20
1000
95
10
1
−2.1
425
8
B1
2.80
3.05
B2
2.95
3.20
3.3
B
3.10
3.50
1000
95
5
1
−2.4
410
8
B1
3.10
3.35
B2
3.25
3.50
3.6
B
3.40
3.80
1000
90
5
1
−2.4
390
8
B1
3.40
3.65
B2
3.55
3.80
3.9
B
3.70
4.10
1000
90
3
1
−2.5
370
8
B1
3.70
3.97
B2
3.87
4.10
4.3
B
4.01
4.48
1000
90
3
1
−2.5
350
8
B1
4.01
4.21
B2
4.15
4.34
B3
4.28
4.48
4.7
B
4.42
4.90
800
80
2
1
−1.4
325
8
B1
4.42
4.61
B2
4.55
4.75
B3
4.69
4.90
5.1
B
4.84
5.37
250
60
2
1.5
0.3
300
5.5
B1
4.84
5.04
B2
4.98
5.20
B3
5.14
5.37
5.6
B
5.31
5.92
100
40
1
2.5
1.9
275
5.5
B1
5.31
5.55
B2
5.49
5.73
B3
5.67
5.92


Numéro de pièce similaire - PZU9.1B3

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZU9.1B3A NXP-PZU9.1B3A Datasheet
127Kb / 14P
   Single Zener diodes
Rev. 01-19 September 2008
PZU9.1B3A/DG NXP-PZU9.1B3A/DG Datasheet
127Kb / 14P
   Single Zener diodes
Rev. 01-19 September 2008
More results

Description similaire - PZU9.1B3

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
PZU13B2-115 NXP-PZU13B2-115 Datasheet
450Kb / 12P
   Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
logo
NXP Semiconductors
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com