Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZU7.5B3 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce PZU7.5B3
Description  Single Zener diodes in a SOD323F package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU7.5B3 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button PZU7.5B3 Datasheet HTML 2Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 3Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 4Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 5Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 6Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 7Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 8Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 9Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PZUXB_SER_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 7 March 2006
6 of 12
Philips Semiconductors
PZUxB series
Single Zener diodes in a SOD323F package
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
15
B
13.84
15.52
80
15
50
11
11.4
99
2
B1
13.84
14.46
B2
14.34
14.98
B3
14.85
15.52
16
B
15.37
17.09
80
20
50
12
12.4
97
1.5
B1
15.37
16.01
B2
15.85
16.51
B3
16.35
17.09
18
B
16.94
19.03
80
20
50
13
14.4
93
1.5
B1
16.94
17.70
B2
17.56
18.35
B3
18.21
19.03
20
B
18.86
21.08
100
20
50
15
16.4
88
1.5
B1
18.86
19.70
B2
19.52
20.39
B3
20.21
21.08
22
B
20.88
23.17
100
25
50
17
18.4
84
1.3
B1
20.88
21.77
B2
21.54
22.47
B3
22.23
23.17
24
B
22.93
25.57
120
30
50
19
20.4
80
1.3
B1
22.93
23.96
B2
23.72
24.78
B3
24.54
25.57
27
B
25.1
28.9
150
40
50
21
23.4
73
1
30
B
28
32
200
40
50
23
26.6
66
1
33
B
31
35
250
40
50
25
29.7
60
0.9
36
B
34
38
300
60
50
27
33.0
59
0.8
Table 9.
Characteristics per type; PZU6.2B to PZU36B …continued
Tj =25 °C unless otherwise specified.
PZU
xxx
Sel Working
voltage
VZ (V);
IZ =5mA
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (nA)
Temperature
coefficient
SZ (mV/K);
IZ =5mA
Diode
capacitance
Cd (pF)[1]
Non-repetitive peak
reverse current
IZSM (A)[2]
Min
Max
IZ = 0.5 mA IZ =5mA
Max
VR (V) Typ
Max
Max


Numéro de pièce similaire - PZU7.5B3

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZU7.5B3A/DG NXP-PZU7.5B3A/DG Datasheet
127Kb / 14P
   Single Zener diodes
Rev. 01-19 September 2008
More results

Description similaire - PZU7.5B3

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
PZU13B2-115 NXP-PZU13B2-115 Datasheet
450Kb / 12P
   Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
logo
NXP Semiconductors
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com