Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD73411BB-80 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD73411BB-80
Description  Low-Power Analog Front End with DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD73411BB-80 Fiches technique(HTML) 5 Page - Analog Devices

  AD73411BB-80 Datasheet HTML 1Page - Analog Devices AD73411BB-80 Datasheet HTML 2Page - Analog Devices AD73411BB-80 Datasheet HTML 3Page - Analog Devices AD73411BB-80 Datasheet HTML 4Page - Analog Devices AD73411BB-80 Datasheet HTML 5Page - Analog Devices AD73411BB-80 Datasheet HTML 6Page - Analog Devices AD73411BB-80 Datasheet HTML 7Page - Analog Devices AD73411BB-80 Datasheet HTML 8Page - Analog Devices AD73411BB-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
REV. 0
–5–
AD73411
POWER CONSUMPTION
Parameter
Typ
Max
SE
MCLK On
Test Conditions
AFE SECTION
ADC Only On
7
8
1
Yes
REFOUT Disabled
ADC and DAC On
11
12.5
1
Yes
REFOUT Disabled
REFCAP Only On
0.65
1.00
0
No
REFOUT Disabled
REFCAP and
2.7
3.8
0
No
REFOUT Only On
All AFE Sections Off
0.6
0.75
0
Yes
MCLK Active Levels Equal to 0 V and DVDD
All AFE Sections Off
5
µA
30
µA
0
No
Digital Inputs Static and Equal to 0 V or DVDD
DSP SECTION
Idle Mode
6.4
Dynamic
43
NOTES
The above values are in mA and are typical values unless otherwise noted.
Specifications subject to change without notice.
TIMING CHARACTERISTICS–AFE SECTION
Parameter
Limit
Unit
Description
Clock Signals
See Figure 1
t1
61
ns min
16.384 MHz AMCLK Period
t2
24.4
ns min
MCLK Width High
t3
24.4
ns min
MCLK Width Low
Serial Port
See Figures ? and ?
t4
t1
ns min
SCLK Period (SCLK = AMCLK)
t5
0.4
× t
1
ns min
SCLK Width High
t6
0.4
× t1
ns min
SCLK Width Low
t7
20
ns min
SDI/SDIFS Setup Before SCLK Low
t8
0
ns min
SDI/SDIFS Hold After SCLK Low
t9
10
ns max
SDOFS Delay from SCLK High
t10
10
ns min
SDOFS Hold After SCLK High
t11
10
ns min
SDO Hold After SCLK High
t12
10
ns max
SDO Delay from SCLK High
t13
30
ns max
SCLK Delay from MCLK
Specifications subject to change without notice.


Numéro de pièce similaire - AD73411BB-80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
More results

Description similaire - AD73411BB-80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818ARMZ AD-AD7818ARMZ Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
Analog Devices
ADMCF340 AD-ADMCF340 Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com