Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7829BRU-1 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD7829BRU-1
Description  3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7829BRU-1 Fiches technique(HTML) 1 Page - Analog Devices

  AD7829BRU-1 Datasheet HTML 1Page - Analog Devices AD7829BRU-1 Datasheet HTML 2Page - Analog Devices AD7829BRU-1 Datasheet HTML 3Page - Analog Devices AD7829BRU-1 Datasheet HTML 4Page - Analog Devices AD7829BRU-1 Datasheet HTML 5Page - Analog Devices AD7829BRU-1 Datasheet HTML 6Page - Analog Devices AD7829BRU-1 Datasheet HTML 7Page - Analog Devices AD7829BRU-1 Datasheet HTML 8Page - Analog Devices AD7829BRU-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829-1
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
8-bit half-flash ADC with 420 ns conversion time
Eight single-ended analog input channels
Available with input offset adjust
On-chip track-and-hold
SNR performance given for input frequencies
up to10 MHz
On-chip reference (2.5 V)
Automatic power-down at the end of conversion
Wide operating supply range
3 V ± 10% and 5 V ± 10%
Input ranges
0 V to 2 V p-p, VDD = 3 V ± 10%
0 V to 2.5 V p-p, VDD = 5 V ± 10%
Flexible parallel interface with EOC pulse to allow
stand-alone operation
APPLICATIONS
Data acquisition systems, DSP front ends
Disk drives
Mobile communication systems, subsampling
applications
GENERAL DESCRIPTION
The AD7829-1 is a high speed 8-channel, microprocessor-
compatible, 8-bit analog-to-digital converter with a maximum
throughput of 2 MSPS. The AD7829-1 contains an on-chip
reference of 2.5 V (2% tolerance); a track-and-hold amplifier;
a 420 ns, 8-bit half-flash ADC; and a high speed parallel
interface. The converter can operate from a single 3 V ± 10%
and 5 V ± 10% supply.
The AD7829-1 combines the convert start and power-down
functions at one pin, that is, the CONVST pin. This allows a
unique automatic power-down at the end of a conversion to be
implemented. The logic level on the CONVST pin is sampled
after the end of a conversion when an EOC (end of conversion)
signal goes high, and if it is logic low at that point, the ADC is
powered down. The parallel interface is designed to allow easy
interfacing to microprocessors and DSPs. Using only address
decoding logic, the parts are easily mapped into the microprocessor
address space.
The EOC pulse allows the ADCs to be used in a stand-alone
manner (see the Parallel Interface section).
FUNCTIONAL BLOCK DIAGRAM
CONVST
PARALLEL
PORT
VREF IN/OUT
EOC
RD
CS
AGND
VMID
A0
A1
A2
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
COMP
2.5V
REF
VDD
CONTROL
LOGIC
DGND
INPUT
MUX
T/H
BUF
DB0
DB7
8-BIT
HALF
FLASH
ADC
Figure 1.
The AD7829-1 is available in a 28-lead, wide body, small outline
IC (SOIC_W) and a 28-lead thin shrink small outline package
(TSSOP).
PRODUCT HIGHLIGHTS
1.
Fast Conversion Time. The AD7829-1 has a conversion
time of 420 ns. Faster conversion times maximize the DSP
processing time in a real-time system.
2.
Analog Input Span Adjustment. The VMID pin allows the
user to offset the input span. This feature can reduce the
requirements of single-supply op amps and take into
account any system offsets.
3.
FPBW (Full Power Bandwidth) of Track-and-Hold. The
track-and-hold amplifier has excellent high frequency
performance. The AD7829-1 is capable of converting full-
scale input signals up to a frequency of 10 MHz, making
the parts ideally suited to subsampling applications.
4.
Channel Selection. Channel selection is made without the
necessity of writing to the part.


Numéro de pièce similaire - AD7829BRU-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7829BRU-1 AD-AD7829BRU-1 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829BRU-1REEL7 AD-AD7829BRU-1REEL7 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
More results

Description similaire - AD7829BRU-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com