Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC2G17GV Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74HC2G17GV
Description  Dual non-inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G17GV Fiches technique(HTML) 1 Page - NXP Semiconductors

  74HC2G17GV Datasheet HTML 1Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 2Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 3Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 4Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 5Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 6Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 7Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 8Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74HC2G17; 74HCT2G17 is a high-speed Si-gate CMOS device.
The 74HC2G17; 74HCT2G17 provides two non-inverting Schmitt trigger buffers. They are
capable of transforming slowly changing input signals into sharply defined, jitter-free
output signals.
The inputs switch at different points for positive and negative-going signals. The difference
between the positive voltage VT+ and the negative voltage VT− is defined as the input
hysteresis voltage VH.
2.
Features
I Wide supply voltage range from 2.0 V to 6.0 V
I Complies with JEDEC standard no. 7A
I High noise immunity
I ESD protection:
N HBM JESD22-A114-D exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Low power dissipation
I Balanced propagation delays
I Unlimited input rise and fall times
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Applications
I Wave and pulse shaper for highly noisy environments
I Astable multivibrators
I Monostable multivibrators
74HC2G17; 74HCT2G17
Dual non-inverting Schmitt trigger
Rev. 01 — 6 October 2006
Product data sheet


Numéro de pièce similaire - 74HC2G17GV

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC2G17GV NEXPERIA-74HC2G17GV Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17GV-Q100 NEXPERIA-74HC2G17GV-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
More results

Description similaire - 74HC2G17GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74AHCT3G17 UTC-U74AHCT3G17 Datasheet
176Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com