Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUS1204MN Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce NUS1204MN
Description  Overvoltage Protection IC with Integrated MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS1204MN Fiches technique(HTML) 4 Page - ON Semiconductor

  NUS1204MN Datasheet HTML 1Page - ON Semiconductor NUS1204MN Datasheet HTML 2Page - ON Semiconductor NUS1204MN Datasheet HTML 3Page - ON Semiconductor NUS1204MN Datasheet HTML 4Page - ON Semiconductor NUS1204MN Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NUS1204MN
http://onsemi.com
4
P−CHANNEL MOSFET (TA= 25°C, unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Units
Drain to Source On Resistance
VGS = −4.5 V, ID = 600 mA
VGS = −4.5 V, ID = 1.0 A
RDS(on)
75
75
100
100
m
W
Zero Gate Voltage Drain Current
VGS = −4.5 V, VGS = 0 V, VDS = −10 V
IDSS
−1.0
mA
Turn On Delay (Note 4)
VGS = −4.5 V
ton
5.5
ns
Turn Off Delay (Note 4)
VGS = −4.5 V
toff
20
ns
Input Capacitance
VGS = 0 V, f = 1.0 MHz, VDS = −10 V
Cin
531
pF
Gate to Source Leakage Current
VGS = 8.0 V, VDS = 0 V
IGSS
±10
nA
Drain to Source Breakdown Voltage
VGS = 0 V, ID = −250 mA
V(BR)DSS
−12
V
Gate Threshold Voltage
VGS = VDS, ID = −250 mA
V(GS)th
−0.4
−0.7
−1.0
V
4. Switching characteristics are independent of operating junction temperature.


Numéro de pièce similaire - NUS1204MN

FabricantNo de pièceFiches techniqueDescription
logo
DIWELL Electronics Co.,...
NUS-03.303.3A DIWELL-NUS-03.303.3A Datasheet
477Kb / 7P
   1W~2W UNREGULATED
2014/04/28
NUS-03.303.3C1 DIWELL-NUS-03.303.3C1 Datasheet
353Kb / 5P
   1W UNREGULATED
2018/01/02
NUS-03.303.3E1K DIWELL-NUS-03.303.3E1K Datasheet
371Kb / 5P
   1W UNREGULATED
2018/03/15
NUS-03.303.3E1KS DIWELL-NUS-03.303.3E1KS Datasheet
371Kb / 5P
   1W UNREGULATED
2018/03/15
NUS-03.305A-0.25W DIWELL-NUS-03.305A-0.25W Datasheet
477Kb / 7P
   1W~2W UNREGULATED
2014/04/28
More results

Description similaire - NUS1204MN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS6160MN ONSEMI-NUS6160MN Datasheet
394Kb / 13P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2008 ??Rev. 0
NUS3065MU ONSEMI-NUS3065MU Datasheet
110Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
March, 2007 ??Rev. 0
NUS3055MUTAG ONSEMI-NUS3055MUTAG Datasheet
109Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2006 ??Rev. 0
NUS6189MN ONSEMI-NUS6189MN Datasheet
179Kb / 14P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
October, 2008 ??Rev. 0
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com