Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUF4402MN Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce NUF4402MN
Description  Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF4402MN Fiches technique(HTML) 2 Page - ON Semiconductor

  NUF4402MN Datasheet HTML 1Page - ON Semiconductor NUF4402MN Datasheet HTML 2Page - ON Semiconductor NUF4402MN Datasheet HTML 3Page - ON Semiconductor NUF4402MN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUF4402MN
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Contact Discharge
Machine Model
Human Body Model
VPP
14
0.4
8.0
kV
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 seconds)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IR = 1.0 mA
6.0
7.0
8.0
V
Leakage Current
IR
VRWM = 3.3 V
100
nA
Resistance
RA
IR = 10 mA
85
100
115
W
Capacitance (Notes 1 and 2)
Cd
VR = 2.5 V, f = 1.0 MHz
10
12
15
pF
Cut−Off Frequency (Note 3)
f3dB
Above this frequency,
appreciable attenuation occurs
151
MHz
1. Measured at 25
°C.
2. Total Line Capacitance is two times the Diode Capacitance (Cd).
3. 50
W source and 50 W load termination.


Numéro de pièce similaire - NUF4402MN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NUF4402MN ONSEMI-NUF4402MN Datasheet
171Kb / 6P
   4-Channel EMI Filter
August, 2009 ??Rev. 3
NUF4402MNT1G ONSEMI-NUF4402MNT1G Datasheet
171Kb / 6P
   4-Channel EMI Filter
August, 2009 ??Rev. 3
NUF4402MN ONSEMI-NUF4402MN_09 Datasheet
171Kb / 6P
   4-Channel EMI Filter
August, 2009 ??Rev. 3
More results

Description similaire - NUF4402MN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NUF4210MN ONSEMI-NUF4210MN Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package
August, 2005 ??Rev. 0
NUF4010MU ONSEMI-NUF4010MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4000MU ONSEMI-NUF4000MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4310MN ONSEMI-NUF4310MN Datasheet
99Kb / 4P
   Low Capacitance 4-Line EMI Filter with ESD Protection in WDFN8 Package
October, 2008 ??Rev. 0
NUF4001MU ONSEMI-NUF4001MU Datasheet
51Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 1
NUF4211MN ONSEMI-NUF4211MN_07 Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
NUF8000MU ONSEMI-NUF8000MU Datasheet
88Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF3102MU ONSEMI-NUF3102MU Datasheet
77Kb / 4P
   Low Capacitance 3 Line EMI Filter with ESD Protection in UDFN8 Package
September, 2007 - Rev. 1
NUF8010MU ONSEMI-NUF8010MU Datasheet
87Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8001MU ONSEMI-NUF8001MU Datasheet
63Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
August, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com