Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5934YRSZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5934YRSZ
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5934YRSZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5934YRSZ Datasheet HTML 6Page - Analog Devices AD5934YRSZ Datasheet HTML 7Page - Analog Devices AD5934YRSZ Datasheet HTML 8Page - Analog Devices AD5934YRSZ Datasheet HTML 9Page - Analog Devices AD5934YRSZ Datasheet HTML 10Page - Analog Devices AD5934YRSZ Datasheet HTML 11Page - Analog Devices AD5934YRSZ Datasheet HTML 12Page - Analog Devices AD5934YRSZ Datasheet HTML 13Page - Analog Devices AD5934YRSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5934
Rev. 0 | Page 10 of 32
TERMINOLOGY
Total System Accuracy
The AD5934 can accurately measure a range of impedance
values to less than 0.5% of the correct impedance value for
supply voltages between 2.7 V to 5.5 V.
Spurious-Free Dynamic Range
(SFDR)
Along with the frequency of interest, harmonics of the
fundamental frequency and images of these frequencies are
present at the output of a DDS device. The spurious-free
dynamic range refers to the largest spur or harmonic present in
the band of interest. The wideband SFDR gives the magnitude
of the largest harmonic or spur relative to the magnitude of the
fundamental frequency in the 0 to Nyquist bandwidth. The
narrow-band SFDR gives the attenuation of the largest spur
or harmonic in a bandwidth of ±200 kHz, about the
fundamental frequency.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency. The value for SNR is expressed in decibels.
Total Harmonic Distortion
(THD)
THD is the ratio of the rms sum of harmonics to the
fundamental, where V1 is the rms amplitude of the
fundamental and V2, V3, V4, V5, and V6 are the rms
amplitudes of the second through the sixth harmonics.
For the AD5934, THD is defined as
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
)
db
(
+
+
+
+
=


Numéro de pièce similaire - AD5934YRSZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5934YRSZ AD-AD5934YRSZ Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
AD5934YRSZ-REEL7 AD-AD5934YRSZ-REEL7 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
More results

Description similaire - AD5934YRSZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5934 AD-AD5934_15 Datasheet
468Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. C
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
AD5933 AD-AD5933 Datasheet
553Kb / 20P
   1 MSPS 12-Bit Impedance Converter, Network Analyzer
Rev. PrA
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
   Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com