Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5934YRSZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD5934YRSZ
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5934YRSZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD5934YRSZ Datasheet HTML 2Page - Analog Devices AD5934YRSZ Datasheet HTML 3Page - Analog Devices AD5934YRSZ Datasheet HTML 4Page - Analog Devices AD5934YRSZ Datasheet HTML 5Page - Analog Devices AD5934YRSZ Datasheet HTML 6Page - Analog Devices AD5934YRSZ Datasheet HTML 7Page - Analog Devices AD5934YRSZ Datasheet HTML 8Page - Analog Devices AD5934YRSZ Datasheet HTML 9Page - Analog Devices AD5934YRSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5934
Rev. 0 | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise note
Table 4.
Parameter
Rating
DVDD to GND
−0.3 V to + 7. 0 V
AVDD1 to GND
−0.3 V to + 7. 0 V
AVDD2 to GND
−0.3 V to + 7. 0 V
SDA/SCL to GND
−0.3 V to VDD + 0.3 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VIN to GND
−0.3 V to VDD + 0.3 V
MCLK to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Extended Industrial (Y Grade)
−40°C to +125°C
Storage Temperature Range
−65°C to +160°C
Maximum Junction Temperature
150°C
SSOP Package
θJA Thermal Impedance
139°C/W
θJC Thermal Impedance
136°C/W
Reflow Soldering (Pb-Free)
Peak Temperature
260°C
Time at Peak Temperature
10 sec to 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - AD5934YRSZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5934YRSZ AD-AD5934YRSZ Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
AD5934YRSZ-REEL7 AD-AD5934YRSZ-REEL7 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
More results

Description similaire - AD5934YRSZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5934 AD-AD5934_15 Datasheet
468Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. C
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
AD5933 AD-AD5933 Datasheet
553Kb / 20P
   1 MSPS 12-Bit Impedance Converter, Network Analyzer
Rev. PrA
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
   Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com