Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7180 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7180
Description  10-Bit, 4 x Oversampling SDTV Video Decoder
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7180 Fiches technique(HTML) 1 Page - Analog Devices

  ADV7180 Datasheet HTML 1Page - Analog Devices ADV7180 Datasheet HTML 2Page - Analog Devices ADV7180 Datasheet HTML 3Page - Analog Devices ADV7180 Datasheet HTML 4Page - Analog Devices ADV7180 Datasheet HTML 5Page - Analog Devices ADV7180 Datasheet HTML 6Page - Analog Devices ADV7180 Datasheet HTML 7Page - Analog Devices ADV7180 Datasheet HTML 8Page - Analog Devices ADV7180 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
10-Bit, 4× Oversampling
SDTV Video Decoder
ADV7180
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Worldwide NTSC/PAL/SECAM color demodulation support
One 10-bit ADC, 4× oversampling for CVBS, 2× oversampling
for Y/C mode, and 2× oversampling for YPrPb (per channel)
Three video input channels with on-chip antialiasing filter
CVBS (composite), Y/C (S-video), and YPrPb (component)
video input support
5-line adaptive comb filters and CTI/DNR video
enhancement
Adaptive Digital Line Length Tracking (ADLLT™),
signal processing, and enhanced FIFO management give
mini-TBC functionality
Integrated AGC with adaptive peak white mode
Macrovision® copy protection detection
NTSC/PAL/SECAM autodetection
8-bit ITU-R BT.656 YCrCb 4:2:2 output and HS, VS, FIELD1
1.0 V analog input signal range
Four general-purpose outputs (GPO)2
Full feature VBI data slicer with teletext support (WST)
Power-down mode and ultralow sleep mode current
2-wire serial MPU interface (I2C® compatible)
1.8 V analog, 1.8 V PLL, 1.8 V digital, 3.3 V I/O supply
−40°C to +85°C temperature grade
Two package types:
40-lead, 6 mm × 6 mm, Pb-free LFCSP
64-lead, 10 mm × 10 mm, Pb-free LQFP
APPLICATIONS
Digital camcorders and PDAs
Low-cost SDTV PIP decoder for digital TVs
Multichannel DVRs for video security
AV receivers and video transcoding
PCI-/USB-based video capture and TV tuner cards
Personal media players and recorders
Smartphone/multimedia handsets
In-car/automotive infotainment units
Rearview camera/vehicle safety systems
FUNCTIONAL BLOCK DIAGRAM
AIN1
AIN2
XTAL1
XTAL
AIN3
AIN41
AIN51
AIN61
ANALOG
VIDEO
INPUTS
AA
FILTER
AA
FILTER
AA
FILTER
DIGITAL
PROCESSING
BLOCK
2D COMB
VBI SLICER
COLOR
DEMOD
SCLK SDATA ALSB RESET PWRDWN
1ONLY AVAILABLE ON 64-LEAD PACKAGE.
240-LEAD PACKAGE USES ONE LEAD FOR VS/FIELD.
10-BIT, 86MHz
ADC
REFERENCE
PLL
ADLLT PROCESSING
CLOCK PROCESSING BLOCK
I2C/CONTROL
ADV7180
SHA
A/D
VS
LLC
HS
SFL
INTRQ
P7 TO P0
8-BIT/161-BIT
PIXEL DATA
FIELD2
GPO1
Figure 1.
GENERAL DESCRIPTION
The ADV7180 automatically detects and converts standard
analog baseband television signals compatible with worldwide
NTSC, PAL, and SECAM standards into 4:2:2 component video
data compatible with the 8-bit ITU-R BT.656 interface standard.
The simple digital output interface connects gluelessly to a wide
range of MPEG encoders, codecs, mobile video processors, and
Analog Devices, Inc., digital video encoders, such as the
ADV7179. External HS, VS, and FIELD signals provide timing
references for LCD controllers and other video ASICs, if
required
The accurate 10-bit analog-to-digital conversion provides
professional quality video performance for consumer applications
with true 8-bit data resolution. Three analog video input channels
accept standard composite, S-video, or component video
signals, supporting a wide range of consumer video sources.
AGC and clamp-restore circuitry allow an input video signal
peak-to-peak range up to 1.0 V. Alternatively, these can be
bypassed for manual settings.
The line-locked clock output allows the output data rate, timing
signals, and output clock signals to be synchronous,
asynchronous, or line locked even with ±5% line length
variation. Output control signals allow glueless interface
connections in many applications. The ADV7180 is programmed
via a 2-wire, serial, bidirectional port (I2C compatible).
The ADV7180 is fabricated in a 1.8 V CMOS process. Its
monolithic CMOS construction ensures greater functionality
with lower power dissipation. A chip-scale, 40-lead, Pb-free
LFCSP package option makes the decoder ideal for space-
constrained portable applications. A 64-lead LQFP package is
also available (pin compatible with ADV7181B).
1 The ADV7180 LFCSP-40 uses one pin to output VS or FIELD.
2 ADV7180 LQFP-64 only.


Numéro de pièce similaire - ADV7180

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7180BCP32Z AD-ADV7180BCP32Z Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCP32Z-RL AD-ADV7180BCP32Z-RL Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCPZ-REEL AD-ADV7180BCPZ-REEL Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BST48Z AD-ADV7180BST48Z Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results

Description similaire - ADV7180

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7280A AD-ADV7280A Datasheet
514Kb / 26P
   10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7281 AD-ADV7281 Datasheet
591Kb / 32P
   10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
REV. A
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com