Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5625R Fiches technique(PDF) 32 Page - Analog Devices

No de pièce AD5625R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5625R Fiches technique(HTML) 32 Page - Analog Devices

Back Button AD5625R Datasheet HTML 24Page - Analog Devices AD5625R Datasheet HTML 25Page - Analog Devices AD5625R Datasheet HTML 26Page - Analog Devices AD5625R Datasheet HTML 27Page - Analog Devices AD5625R Datasheet HTML 28Page - Analog Devices AD5625R Datasheet HTML 29Page - Analog Devices AD5625R Datasheet HTML 30Page - Analog Devices AD5625R Datasheet HTML 31Page - Analog Devices AD5625R Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Preliminary Technical Data
Rev. PrA. | Page 32 of 32
ORDERING GUIDE
Model
Temperature
Range
Accuracy
On-Chip
Reference
Max I2C
Speed
Package
Description
Package
Option
Branding
AD5625BCPZ-250RL71
−40°C to +105°C
±1 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10 -9
D8V
AD5625BCPZ-REEL71
−40°C to +105°C
±1 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8V
AD5625BRUZ1
−40°C to +105°C
±1 LSB INL
None
400 kHz
14-Lead TSSOP
RU-14
None
AD5625BRUZ-REEL71
−40°C to +105°C
±1 LSB INL
None
400 kHz
14-Lead TSSOP
RU-14
None
AD5625RBCPZ-250RL71
−40°C to +105°C
±1 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8S
AD5625RBCPZ-REEL71
−40°C to +105°C
±1 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8S
AD5625RBRUZ-11
−40°C to +105°C
±1 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
None
AD5625RBRUZ-1REEL71
−40°C to +105°C
±1 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
None
AD5625RBRUZ-21
−40°C to +105°C
±1 LSB INL
2.5 V
3.4 MHz
14-Lead TSSOP
RU-14
None
AD5625RBRUZ-2REEL71
−40°C to +105°C
±1 LSB INL
2.5 V
3.4 MHz
14-Lead TSSOP
RU-14
None
AD5645RBCPZ-250RL71
−40°C to +105°C
±4 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
RU-14
D89
AD5645RBCPZ-REEL71
−40°C to +105°C
±4 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
RU-14
D89
AD5645RBRUZ1
−40°C to +105°C
±4 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
None
AD5645RBRUZ-REEL71
−40°C to +105°C
±4 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
None
AD5665BCPZ-250RL71
−40°C to +105°C
±16 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D6U
AD5665BCPZ-REEL71
−40°C to +105°C
±16 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D6U
AD5665BRUZ1
−40°C to +105°C
±16 LSB INL
None
400 kHz
14-Lead TSSOP
RU-14
None
AD5665BRUZ-REEL71
−40°C to +105°C
±16 LSB INL
None
400 kHz
14-Lead TSSOP
RU-14
None
AD5665RBCPZ-250RL71
−40°C to +105°C
±16 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
DA2
AD5665RBCPZ-REEL71
−40°C to +105°C
±16 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
DA2
AD5665RBRUZ-11
−40°C to +105°C
±16 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
None
AD5665RBRUZ-1REEL71
−40°C to +105°C
±16 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
None
AD5665-RBRUZ-21
−40°C to +105°C
±16 LSB INL
2.5 V
3.4 MHz
14-Lead TSSOP
RU-14
None
AD5665RBRUZ-2REEL71
−40°C to +105°C
±16 LSB INL
2.5 V
3.4 MHz
14-Lead TSSOP
RU-14
None
1 Z = Pb-free part.


Numéro de pièce similaire - AD5625R

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5625RACPZ-1RL7 AD-AD5625RACPZ-1RL7 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5625RACPZ-REEL7 AD-AD5625RACPZ-REEL7 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5625RBCPZ-R2 AD-AD5625RBCPZ-R2 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5625RBCPZ-REEL7 AD-AD5625RBCPZ-REEL7 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5625RBRUZ-1 AD-AD5625RBRUZ-1 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
More results

Description similaire - AD5625R

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5627R AD-AD5627R Datasheet
777Kb / 30P
   Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Rev. PrA
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com