Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1935XSTZRL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD1935XSTZRL
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1935XSTZRL Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD1935XSTZRL Datasheet HTML 3Page - Analog Devices AD1935XSTZRL Datasheet HTML 4Page - Analog Devices AD1935XSTZRL Datasheet HTML 5Page - Analog Devices AD1935XSTZRL Datasheet HTML 6Page - Analog Devices AD1935XSTZRL Datasheet HTML 7Page - Analog Devices AD1935XSTZRL Datasheet HTML 8Page - Analog Devices AD1935XSTZRL Datasheet HTML 9Page - Analog Devices AD1935XSTZRL Datasheet HTML 10Page - Analog Devices AD1935XSTZRL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 7 of 30
Figure 2. ADC Passband Filter Response, 48 kHz
Figure 3. ADC Stopband Filter Response, 48 kHz
Figure 4. DAC Passband Filter Response, 48 kHz
Figure 5. DAC Stopband Filter Response, 48 kHz
Figure 6. DAC Passband Filter Response, 96 kHz
Figure 7. DAC Stopband Filter Response, 96 kHz


Numéro de pièce similaire - AD1935XSTZRL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1933WBSTZ AD-AD1933WBSTZ Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ-RL AD-AD1933WBSTZ-RL Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933YSTZ AD-AD1933YSTZ Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933YSTZ-RL AD-AD1933YSTZ-RL Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1934 AD-AD1934 Datasheet
527Kb / 28P
   8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
More results

Description similaire - AD1935XSTZRL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com