Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NB4L858M Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce NB4L858M
Description  2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L858M Fiches technique(HTML) 4 Page - ON Semiconductor

  NB4L858M Datasheet HTML 1Page - ON Semiconductor NB4L858M Datasheet HTML 2Page - ON Semiconductor NB4L858M Datasheet HTML 3Page - ON Semiconductor NB4L858M Datasheet HTML 4Page - ON Semiconductor NB4L858M Datasheet HTML 5Page - ON Semiconductor NB4L858M Datasheet HTML 6Page - ON Semiconductor NB4L858M Datasheet HTML 7Page - ON Semiconductor NB4L858M Datasheet HTML 8Page - ON Semiconductor NB4L858M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB4L858M
http://onsemi.com
4
Table 3. Table 3. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
Machine Model
> 2000 V
>110 V
Moisture Sensitivity (Note 1)
32−LQFP
Level 2
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
380
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
GND = 0 V
3.8
V
VI
Positive Input
GND = 0 V
GND
v VI v VCC
3.8
V
VINPP
Differential Input Voltage
|D − D|
3.8
V
IIN
Input Current Through Internal RT (50 W
Resistor)
Static
Surge
45
80
mA
mA
IOUT
Output Current
Continuous
Surge
25
80
mA
mA
TA
Operating Temperature Range
LQFP−32
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
32 LQFP
32 LQFP
80
55
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 2)
32 LQFP
12 to 17
°C/W
Tsol
Wave Solder
Pb−Free
<3 sec @ 260
°C
265
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
2. JEDEC standard 51−6, multilayer board − 2S2P (2 signal, 2 power).


Numéro de pièce similaire - NB4L858M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NB4L858M ONSEMI-NB4L858M Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
NB4L858MFAG ONSEMI-NB4L858MFAG Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
NB4L858MFAR2G ONSEMI-NB4L858MFAR2G Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
NB4L858M ONSEMI-NB4L858M_09 Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
More results

Description similaire - NB4L858M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NB4L858M ONSEMI-NB4L858M_09 Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86M ONSEMI-NB7L86M_12 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com