Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMG2DXV5T1 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce EMG2DXV5T1
Description  Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMG2DXV5T1 Fiches technique(HTML) 4 Page - ON Semiconductor

  EMG2DXV5T1 Datasheet HTML 1Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 2Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 3Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 4Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 5Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 6Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMG2DXV5T1, EMG5DXV5T1
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS − EMG5DXV5T1
10
1
0.1
010
20
30
40
50
100
10
1
02
4
6
8
10
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 1015 20253035 404550
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 7. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
020
40
60
80
Figure 8. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 11. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
−25°C
25°C
TA =75°C
VCE = 10
300
250
200
150
100
50
0
2468
15 20 40 50 60 70 80 90
f = 1 MHz
lE = 0 V
TA = 25°C
TA =−25°C
25°C
75°C
IC/IB = 10
75°C
25°C
TA =−25°C
VO = 5 V
VO= 0.2 V
TA =−25°C
25°C
75°C


Numéro de pièce similaire - EMG2DXV5T1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
EMG2DXV5T1G ONSEMI-EMG2DXV5T1G Datasheet
116Kb / 7P
   Dual Bias Resistor Transistors
March, 2013 ??Rev. 1
More results

Description similaire - EMG2DXV5T1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EW AITSEMI-DTA114EW Datasheet
448Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.1
logo
Leshan Radio Company
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com