Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMG2DXV5T1 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce EMG2DXV5T1
Description  Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMG2DXV5T1 Fiches technique(HTML) 5 Page - ON Semiconductor

  EMG2DXV5T1 Datasheet HTML 1Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 2Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 3Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 4Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 5Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 6Page - ON Semiconductor EMG2DXV5T1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EMG2DXV5T1, EMG5DXV5T1
http://onsemi.com
5
TYPICAL APPLICATIONS FOR NPN BRTs
LOAD
+12 V
Figure 12. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
IN
OUT
VCC
ISOLATED
LOAD
FROM mP OR
OTHER LOGIC
+12 V
Figure 13. Open Collector Inverter:
Inverts the Input Signal
Figure 14. Inexpensive, Unregulated Current Source


Numéro de pièce similaire - EMG2DXV5T1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
EMG2DXV5T1G ONSEMI-EMG2DXV5T1G Datasheet
116Kb / 7P
   Dual Bias Resistor Transistors
March, 2013 ??Rev. 1
More results

Description similaire - EMG2DXV5T1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EW AITSEMI-DTA114EW Datasheet
448Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.1
logo
Leshan Radio Company
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com