Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1041AARQZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADM1041AARQZ
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1041AARQZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADM1041AARQZ Datasheet HTML 2Page - Analog Devices ADM1041AARQZ Datasheet HTML 3Page - Analog Devices ADM1041AARQZ Datasheet HTML 4Page - Analog Devices ADM1041AARQZ Datasheet HTML 5Page - Analog Devices ADM1041AARQZ Datasheet HTML 6Page - Analog Devices ADM1041AARQZ Datasheet HTML 7Page - Analog Devices ADM1041AARQZ Datasheet HTML 8Page - Analog Devices ADM1041AARQZ Datasheet HTML 9Page - Analog Devices ADM1041AARQZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
ADM1041A
Rev. 0 | Page 6 of 56
SPECIFICATIONS
TA = –40 to +85°C, VDD = 5 V ± 10%, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLIES
VDD
4.5
5.0
5.5
V
IDD, Current Consumption
6
10
mA
Peak IDD, during EEPROM Erase Cycle1, 2
40
mA
UNDERVOLTAGE LOCKOUT, VDD
See Figure 9.
Start-Up Threshold
4
4.3
4.5
V
Stop Threshold
3.7
4
4.2
V
Hysteresis
0.3
V
POWER BLOCK PROTECTION
VDD Overvoltage
5.8
6.2
6.5
V
VDD Overvoltage Debounce
300
500
700
μs
Latching
Open Ground
0.1
0.2
0.35
V
VGND positive with respect to VS
VDDOK Debounce
250
400
500
μs
VDDOK
POWER-ON RESET
DC Level
1.5
2.2
2.75
V
VDD rising
DIFFERENTIAL LOAD VOLTAGE SENSE INPUT,
(VS−, VS+)
See Figure 6. VNOM = (VS+ – VS−); VNOM
is typically 2 V
VS− Input Voltage
0.5
V
Voltage on Pin 20
VS+ Input Voltage
VDD – 2
V
Voltage on Pin 21
VS− Input Resistance
35
VS+ Input Resistance
500
VNOM Adjustment Range
1.7 to 2.3
V
Set Load Voltage Trim Step
0.10 to 0.14
%
1.7 V ≤ VNOM ≤ 2.3 V typ
1.74 to 3.18
mV
8 bits, 255 steps
Reg 19h[7:0]. See Table 34
Set Load Overvoltage Trim Range
105 to 120
%
1.7 V ≤ VNOM ≤ 2.3 V min
Set Load Overvoltage Trim Step
0.09
%
8 bits, 255 step/s
1.6
mV
Reg 08h[7:0]. See Table 17.
VS+ = 2.24 V
Recover from Load OV False to FG True
100
μs
Reg 03h[1:0] = 00. See Table 12.
200
μs
Reg 03h[1:0] = 01. See Table 12.
300
μs
Reg 03h[1:0] = 10. See Table 12.
400
μs
Reg 03h[1:0] = 11. See Table 12.
Operate Time from Load OV to FG False
2
μs


Numéro de pièce similaire - ADM1041AARQZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL7 AD-ADM1041ARQ-REEL7 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Description similaire - ADM1041AARQZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com