Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADG1433 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADG1433
Description  4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADG1433 Fiches technique(HTML) 5 Page - Analog Devices

  ADG1433 Datasheet HTML 1Page - Analog Devices ADG1433 Datasheet HTML 2Page - Analog Devices ADG1433 Datasheet HTML 3Page - Analog Devices ADG1433 Datasheet HTML 4Page - Analog Devices ADG1433 Datasheet HTML 5Page - Analog Devices ADG1433 Datasheet HTML 6Page - Analog Devices ADG1433 Datasheet HTML 7Page - Analog Devices ADG1433 Datasheet HTML 8Page - Analog Devices ADG1433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG1433/ADG1434
Rev. 0 | Page 5 of 20
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance, RON
6
Ω typ
VS = 0 V to 10 V, IS = −10 mA, see Figure 25
8
9.5
11.2
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between
0.55
Ω typ
VS = 0 V to 10 V, IS = −10 mA
Channels, ΔRON
0.82
0.85
1.1
Ω max
On Resistance Flatness, RFLAT(ON)
1.5
Ω typ
VS = 0 V to 10 V, IS = −10 mA
2.5
2.5
2.8
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V
Source Off Leakage, IS (OFF)
±0.04
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 26
±0.3
±0.6
±3
nA max
Drain Off Leakage, ID (OFF)
±0.04
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 26
±0.3
±0.6
±3
nA max
Channel On Leakage, ID, IS (ON)
±0.06
nA typ
VS = VD = 1 V or 10 V, see Figure 27
±0.4
±0.8
±8
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
±0.005
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANS
200
ns typ
RL = 100 Ω, CL = 35 pF
255
310
350
ns max
VS = 8 V, see Figure 28
Break-Before-Make Time Delay, tD
80
ns typ
RL = 100 Ω, CL = 35 pF
55
ns min
VS1 = VS2 = 8 V, see Figure 29
tON(EN)
210
ns typ
RL = 100 Ω, CL = 35 pF
270
320
360
ns max
VS = 8 V, see Figure 30
tOFF(EN)
70
ns typ
RL = 100 Ω, CL = 35 pF
86
95
105
ns max
VS = 8 V, see Figure 30
Charge Injection
−10
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF, see Figure 31
Off Isolation
–70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 32
Channel-to-Channel Crosstalk
–70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 34
−3 dB Bandwidth
135
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 33
Insertion Loss
0.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 33
CS (OFF)
25
pF typ
f = 1 MHz
CD (OFF)
45
pF typ
f = 1 MHz
CD, CS (ON)
80
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1
μA max
IDD
260
μA typ
Digital inputs = 5 V
440
μA max
VDD
5/16.5
V min/max
VSS = 0 V, GND = 0 V
1 Temperature range for Y version: −40°C to +125°C.
2 Guaranteed by design, not subject to production test.


Numéro de pièce similaire - ADG1433

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EP AD-ADG1436TRUZ-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EPR7 AD-ADG1436TRUZ-EPR7 Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436YCPZ-500RL7 AD-ADG1436YCPZ-500RL7 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
More results

Description similaire - ADG1433

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1233 AD-ADG1233 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com