Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADCMP670-1AUJ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADCMP670-1AUJ
Description  Dual Comparators with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADCMP670-1AUJ Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADCMP670-1AUJ Datasheet HTML 3Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 4Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 5Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 6Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 7Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 8Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 9Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 10Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary Technical Data
ADCMP670
Rev. PrB | Page 7 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Distribution of Rising Input Threshold Voltage
Figure 4. Distribution of Hysteresis
Figure 5.Rising Input Threshold Voltage vs Temperature
Figure 6. Distribution of Falling Input Threshold Voltage
Figure 7. Rising Input Threshold Voltage vs Temperature
Figure 8.Rising Input Threshold Voltage vs Supply Voltage


Numéro de pièce similaire - ADCMP670-1AUJ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADCMP670-1YUJZ-RL7 AD-ADCMP670-1YUJZ-RL7 Datasheet
322Kb / 16P
   Dual Low Power 1.5% Comparator With 400 mV Reference
REV. 0
More results

Description similaire - ADCMP670-1AUJ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
   Dual Comparators with 400mV Reference and programmable Hysteresis
Rev. PrD
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com