Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP2189-G Fiches technique(PDF) 7 Page - WJ Communication. Inc.

No de pièce FP2189-G
Description  1 - Watt HFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WJCI [WJ Communication. Inc.]
Site Internet  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP2189-G Fiches technique(HTML) 7 Page - WJ Communication. Inc.

Back Button FP2189-G Datasheet HTML 3Page - WJ Communication. Inc. FP2189-G Datasheet HTML 4Page - WJ Communication. Inc. FP2189-G Datasheet HTML 5Page - WJ Communication. Inc. FP2189-G Datasheet HTML 6Page - WJ Communication. Inc. FP2189-G Datasheet HTML 7Page - WJ Communication. Inc. FP2189-G Datasheet HTML 8Page - WJ Communication. Inc. FP2189-G Datasheet HTML 9Page - WJ Communication. Inc. FP2189-G Datasheet HTML 10Page - WJ Communication. Inc. FP2189-G Datasheet HTML 11Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP2189
1 - Watt HFET
Product Information
Application Circuit: 2110 – 2170 MHz (FP2189-PCB2140S)
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +8 V, Ids = 250 mA, 25°C
Frequency
MHz
2110
2140
2170
S21 – Gain
dB
14.4
14.4
14.4
S11 – Input Return Loss
dB
-23
-23
-22
S22 – Output Return Loss
dB
-9.7
-11.5
-12
Output P1dB
dBm
+30.5
+30.6
+30.2
Output IP3
(+15 dBm / tone, 1 MHz spacing)
dBm
+43.9
Noise Figure
dB
4.2
4.5
4.3
W-CDMA Channel Power
@ -45 dBc ACPR
dBm
+22.2
RES
R=
ID=
6.2 Ohm
R2
CAP
C=
ID=
DNP pF
C4
IND
L=
ID=
5.6 nH
L1
RES
R=
ID=
10 Ohm
R1
CAP
C=
ID=
1.8 pF
C1
CAP
C=
ID=
DNP pF
C2
IND
L=
ID=
18 nH
L2
CAP
C=
ID=
1000 pF
C7
CAP
C=
ID=
22 pF
C6
CAP
C=
ID=
10000 pF
C8
CAP
C=
ID=
22 pF
C9
CAP
C=
ID=
DNP pF
C5
CAP
C=
ID=
1.8 pF
C11
CAP
C=
ID=
1 pF
C10
CAP
C=
ID=
33 pF
C3
1
2
SUBCKT
NET=
ID=
"FP2189"
Q1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
-Vgg
Vds=8V @ 250 mA
14 mil GETEK
TM ML200DSS (er = 4.2)
The main microstrip line has a line impedance of 50 O.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C11
1.8 pF
Chip capacitor
0603
C3
33 pF
Chip capacitor
0805
C6, C9
22 pF
Chip capacitor
0603
C7
1000 pF
Chip capacitor
0603
C8
0.1
µF
Chip capacitor
1206
C10
1.0 pF
Chip capacitor
0603
L1
5.6 nH
Multilayer chip inductor
0603
L2
18 nH
Multilayer chip inductor
0603
R1
10 O
Chip resistor
0603
R2
6.2 O
Chip resistor
0603
Q1
FP2189
WJ 1W HFET
SOT-89
C2, C4, C5
Do Not Place


Numéro de pièce similaire - FP2189-G

FabricantNo de pièceFiches techniqueDescription
logo
WJ Communication. Inc.
FP2189-G WJCI-FP2189-G Datasheet
610Kb / 12P
   1-Watt HFET
More results

Description similaire - FP2189-G

FabricantNo de pièceFiches techniqueDescription
logo
WJ Communication. Inc.
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
logo
TriQuint Semiconductor
TGF2961-SD TRIQUINT-TGF2961-SD Datasheet
656Kb / 20P
   1 Watt DC-4 GHz Packaged HFET
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0189 SIRENZA-SHF-0189 Datasheet
99Kb / 4P
   0.05 - 6 GHz, 0.5 Watt GaAs HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com