Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PEB2025 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce PEB2025
Description  ISDN Exchange Power Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2025 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  PEB2025 Datasheet HTML 1Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 2Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 3Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 4Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 5Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 6Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Semiconductor Group
2
Programmable output current and thermal shut down guards the IEPC against overloads.
The IEPC offers a special transient permitted overload state. Momentary overloads within a
specified range e.g. by connecting a TE to a powered line, however, will not activate the current-
limit-circuits of the power controller. If overload is detected, the line driver will turn off according to
a time and current dependent turn off characteristic.
The IEPC offers an automatic restart-mode. In this case the IEPC tries to power up the line
periodically, thus the feeding of a line will return automatically after the overload-conditions are
removed.
Pin Configurations
(top view)
P-LCC-28-R
P-DIP-22
PEB 2025


Numéro de pièce similaire - PEB2025

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
PEB20256 INFINEON-PEB20256 Datasheet
2Mb / 216P
   Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
PEB20256E INFINEON-PEB20256E Datasheet
2Mb / 216P
   Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
More results

Description similaire - PEB2025

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
PSB2120 SIEMENS-PSB2120 Datasheet
292Kb / 20P
   ISDN Remote Power Controller
PEB2085 SIEMENS-PEB2085 Datasheet
1Mb / 320P
   ISDN SubscribernAccess Controller
logo
Infineon Technologies A...
PEB2426 INFINEON-PEB2426 Datasheet
345Kb / 30P
   Quad ISDN High Voltage Power Controller
06.99 DS 1
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
   Enhanced ISDN Data Access Controller ISAR
logo
FOTEK CONTROLS CO., LTD...
G4Q-K1 FOTEK-G4Q-K1 Datasheet
132Kb / 1P
   EXCHANGE RElAY
logo
Winbond
W6692 WINBOND-W6692 Datasheet
515Kb / 104P
   PCI Bus ISDN S/T-Controller
W6694 WINBOND-W6694 Datasheet
472Kb / 33P
   USB Bus ISDN S/T-Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com