Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4360-4 Fiches technique(PDF) 7 Page - Analog Devices |
|
ADF4360-4 Fiches technique(HTML) 7 Page - Analog Devices |
7 / 20 page ADL5370 Rev. 0 | Page 7 of 20 250 450 650 850 1050 1250 1450 0 –5 –10 –15 –20 –25 LO FREQUENCY (MHz) Figure 9. Return Loss (S11) of LOIP 250 450 650 850 1050 1250 1450 0 –10 –20 –90 –30 –40 –50 –60 –70 –80 LO FREQUENCY (MHz) Figure 10. Carrier Feedthrough vs. fLO and Temperature Multiple Devices Shown 250 450 650 850 1050 1250 1450 0 –10 –20 –90 –30 –40 –50 –60 –70 –80 LO FREQUENCY (MHz) Figure 11. Carrier Feedthrough vs. fLO and Temperature after Nulling at 25°C Multiple Devices Shown 250 450 650 850 1050 1250 1450 0 –10 –20 –90 –30 –40 –50 –60 –70 –80 LO FREQUENCY (MHz) TA = –40°C TA = +85°C TA = +25°C Figure 12. Sideband Suppression vs. fLO and Temperature Multiple Devices Shown 250 450 650 850 1050 1250 1450 0 –10 –20 –90 –30 –40 –50 –60 –70 –80 LO FREQUENCY (MHz) TA = +85°C TA = +25°C TA = –40°C Figure 13. Sideband Suppression vs. fLO and Temperature after Nulling at 25°C Multiple Devices Shown 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 –20 –80 –30 –40 –50 –60 –70 15 –15 10 5 0 –5 –10 BASEBAND INPUT VOLTAGE (V p-p) SECOND ORDER (dBc) CARRIER FEEDTHROUGH (dBm) SSB OUTPUT POWER SIDEBAND SUPPRESSION (dBc) THIRD ORDER (dBc) Figure 14. Second- and Third-Order Distortion, Carrier Feedthrough, Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level (fLO = 450 MHz) |
Numéro de pièce similaire - ADF4360-4 |
|
Description similaire - ADF4360-4 |