Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2853MHX-3.3 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2853MHX-3.3
Description  3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2853MHX-3.3 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LM2853MHX-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Connection Diagram
20201503
Ordering Information
Order Number
Voltage
Option
Package
Marking
Package Type
Package
Drawing
Supplied As
LM2853MH-0.8
0.8
LM2853-0.8
TSSOP-14 exposed
pad
MXA14A
94 Units, Rail
LM2853MHX-0.8
2500 Units, Tape and Reel
LM2853MH-1.0
1.0
LM2853-1.0
94 Units, Rail
LM2853MHX-1.0
2500 Units, Tape and Reel
LM2853MH-1.2
1.2
LM2853-1.2
94 Units, Rail
LM2853MHX-1.2
2500 Units, Tape and Reel
LM2853MH-1.5
1.5
LM2853-1.5
94 Units, Rail
LM2853MHX-1.5
2500 Units, Tape and Reel
LM2853MH-1.8
1.8
LM2853-1.8
94 Units, Rail
LM2853MHX-1.8
2500 Units, Tape and Reel
LM2853MH-2.5
2.5
LM2853-2.5
94 Units, Rail
LM2853MHX-2.5
2500 Units, Tape and Reel
LM2853MH-3.0
3.0
LM2853-3.0
94 Units, Rail
LM2853MHX-3.0
2500 Units, Tape and Reel
LM2853MH-3.3
3.3
LM2853-3.3
94 Units, Rail
LM2853MHX-3.3
2500 Units, Tape and Reel
Note: Contact factory for other voltage options.
Pin Descriptions
Pin #
Name
Function
1
AVIN
Input Voltage for Control Circuitry.
2
EN
Enable.
3
SGND
Low noise ground.
4
SS
Soft-Start Pin.
5
NC
No Connect. This pin must be tied to ground.
6,7
PVIN
Input Voltage for Power Circuitry.
8,9
SW
Switch Pin.
10,11
PGND
Power Ground.
12,13
NC
No-Connect. These pins must be tied to ground.
14
SNS
Output Voltage Sense Pin.
Exposed Pad
EP
The exposed pad is internally connected to GND, but it cannot be
used as the primary GND connection. The exposed pad should be
soldered to an external GND plane.
www.national.com
2


Numéro de pièce similaire - LM2853MHX-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2853MHX-3.3/NOPB TI-LM2853MHX-3.3/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results

Description similaire - LM2853MHX-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com