Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2853MHX-1.8 Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2853MHX-1.8
Description  3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2853MHX-1.8 Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2853MHX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LM2853MHX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM2853MHX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM2853MHX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM2853MHX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM2853MHX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LM2853MHX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LM2853MHX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LM2853MHX-1.8 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications Information (Continued)
CHOOSING AN INDUCTANCE VALUE
The current ripple present in the output filter inductor is
determined by the input voltage, output voltage, switching
frequency and inductance according to the following equa-
tion:
where
∆I
L is the peak to peak current ripple, D is the duty
cycle V
OUT/VIN,VIN is the input voltage applied to the output
stage, V
OUT is the output voltage of the switcher, f is the
switching frequency and L
O is the inductance of the output
filter inductor. Knowing the current ripple is important for
inductor selection since the peak current through the induc-
tor is the load current plus one half the ripple current. Care
must be taken to ensure the peak inductor current does not
reach a level high enough to trip the current limit circuitry of
the LM2853. As an example, consider a 5V to 1.2V conver-
sion and a 550 kHz switching frequency. According to Table
1, a 4.7 µH inductor may be used. Calculating the expected
peak-to-peak ripple,
The maximum inductor current for a 3A load would therefore
be 3A plus 177 mA, 3.177A. As shown in the ripple equation,
the current ripple is inversely proportional to inductance.
OUTPUT FILTER INDUCTORS
Once the inductance value is chosen, the key parameter for
selecting the output filter inductor is its saturation current
(I
SAT) specification. Typically ISAT is given by the manufac-
turer as the current at which the inductance of the coil falls to
a certain percentage of the nominal inductance. The I
SAT of
an inductor used in an application should be greater than the
maximum expected inductor current to avoid saturation. Be-
low is a table of inductors that are suitable in LM2853
applications.
TABLE 2. Recommended Inductors
Inductance
Part Number
Vendor
4.7 µF
DO3308P-472ML
Coilcraft
4.7 µF
DO3316P-472ML
Coilcraft
4.7 µF
MSS1260-472ML
Coilcraft
5.2 µF
MSS1038-522NL
Coilcraft
5.6 µF
MSS1260-562ML
Coilcraft
6.8 µF
DO3316P-682ML
Coilcraft
6.8 µF
MSS1260-682ML
Coilcraft
OUTPUT FILTER CAPACITORS
The recommended capacitors that may be used in the output
filter with the LM2853 are limited in value and ESR range
according to Table 1.
Below are some examples of capacitors that can typically be
used in an LM2853 application.
TABLE 3. Recommended Capacitors
Capacitance (µF)
Part Number
Chemistry
Vendor
100
594D107X_010C2T
Tantalum
Vishay-Sprague
100
593D107X_010D2_E3
Tantalum
Vishay-Sprague
100
TPSC107M006#0075
Tantalum
AVX
100
NOSD107M006#0080
Niobium Oxide
AVX
100
NOSC107M004#0070
Niobium Oxide
AVX
120
594D127X_6R3C2T
Tantalum
Vishay-Sprague
150
594D157X_010C2T
Tantalum
Vishay-Sprague
150
595D157X_010D2T
Tantalum
Vishay-Sprague
150
591D157X_6R3C2_20H
Tantalum
Vishay-Sprague
150
TPSD157M006#0050
Tantalum
AVX
150
TPSC157M004#0070
Tantalum
AVX
150
NOSD157M006#0070
Niobium Oxide
AVX
220
594D227X_6R3D2T
Tantalum
Vishay-Sprague
220
591D227X_6R3D2_20H
Tantalum
Vishay-Sprague
220
591D227X_010D2_20H
Tantalum
Vishay-Sprague
220
593D227X_6R3D2_E3
Tantalum
Vishay-Sprague
www.national.com
9


Numéro de pièce similaire - LM2853MHX-1.8

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2853MHX-1.8/NOPB TI-LM2853MHX-1.8/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results

Description similaire - LM2853MHX-1.8

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com