Moteur de recherche de fiches techniques de composants électroniques |
|
IRG4ZH71KD Fiches technique(PDF) 5 Page - International Rectifier |
|
IRG4ZH71KD Fiches technique(HTML) 5 Page - International Rectifier |
5 / 10 page IRG4ZH71KD www.irf.com 5 Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage Fig. 9 - Typical Switching Losses vs. Gate Resistance Fig. 10 - Typical Switching Losses vs. Junction Temperature 1 10 100 0 2000 4000 6000 8000 V , Collector-to-Emitter Voltage (V) CE V C C C = = = = 0V, C C C f = 1MHz + C + C C SHORTED GE ies ge gc , ce res gc oes ce gc Cies Coes Cres 0 80 160 240 320 400 0 4 8 12 16 20 Q , Total Gate Charge (nC) G V = 400V I = 42A CC C -60 -40 -20 0 20 40 60 80 100 120 140 160 1 10 100 T , Junction Temperature ( C ) J ° R = 5.0 V = 15V V = 800V G GE CC I = A 84 C I = A 42 C I = A 21 C Ω 0 10 20 30 40 50 5 10 15 20 R , Gate Resistance G V = 800V V = 15V T = 25 C I = 42A CC GE J C ° (Ω) |
Numéro de pièce similaire - IRG4ZH71KD |
|
Description similaire - IRG4ZH71KD |