Moteur de recherche de fiches techniques de composants électroniques |
|
SLCC24BKG Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
SLCC24BKG Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 3 page SLCC Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks Vishay Sfernice Document Number: 60014 For technical questions contact sfer@vishay.com www.vishay.com Revision: 06-Jul-06 35 DIMENSIONS in inches and millimeters STANDARD ELECTRICAL SPECIFICATIONS TEST SPECIFICATIONS CONDITIONS PIN NUMBER 16, 20, 24 TCR: Tracking ± 2 ppm/°C (typical)/5 ppm/°C Max. - 55 °C to + 125 °C Absolute ± 25 ppm/°C Max. - 55 °C to + 125 °C Tolerance: Ratio ± 0.1 % to 1.0 % tighter specs on request Absolute ± 0.1 % to 5.0 % tighter specs on request Power Rating: Resistor 50 mW at + 70 °C Package 250 mW 500 mW 1 W at + 70 °C Stability ( ΔR Ratio) 0.05 % 1000 hrs at + 70 °C under Pn Voltage Coefficient < 0.1 ppm/V Working Voltage 100 VDC on R Operating Temperature Range - 55 °C to + 125 °C Storage Temperature Range - 55 °C to + 150 °C Noise - 35 dB typical Thermal EMF 0.1 µV/°C Shelf Life Stability < 50 ppm 1 year at + 25 °C AB CD E F G H 16 Pin 0.050" 0.300" 0.300" 0.077" 0.025" 0.050" 0.040" 0.020" mm 1.27 7.62 7.62 1.96 0.635 1.27 1.02 0.508 20 Pin 0.050" 0.350" 0.350" 0.077" 0.025" 0.050" 0.040" 0.020" mm 1.27 8.89 8.89 1.96 0.635 1.27 1.02 0.508 24 Pin 0.050" 0.400" 0.400" 0.077" 0.025" 0.050" 0.040" 0.020" mm 1.27 10.16 10.16 1.96 0.635 1.27 1.02 0.508 GLOBAL PART NUMBER INFORMATION New Global Part Numbering: SLCC24A01-10KF0005 GLOBAL MODEL SCHEMATIC VALUE TOL. SPECIAL SLCC16 SLCC20 SLCC24 A B A01 A03 A06 Decimal R, K or M B (0.1 % 0.1 %) D (0.5 % 0.25 %) F (1.0 % 0.5 %) G (2.0 % 1.0 %) J (5.0 % 1.0 %) Historical Part Number example: SLCC 24 A01 10K F R0005 e4 B D Max. G Typ. A Typ. E Typ. H Index Corner F C Terminal #1 Indicator Terminal #1 R Typ. LC C 2 4 A 0 1 - S 10 K F 00 05 |
Numéro de pièce similaire - SLCC24BKG |
|
Description similaire - SLCC24BKG |