Moteur de recherche de fiches techniques de composants électroniques |
|
SLCC24AKF Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
SLCC24AKF Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 3 page Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks SLCC Vishay Sfernice www.vishay.com For technical questions contact sfer@vishay.com Document Number: 60014 34 Revision: 06-Jul-06 Capable of meeting the characteristics of MIL-PRF-83401 these networks are available in a wide range of resistance values: several standard configurations are presented with the SLCC series. FEATURES • High stability Ultrafilm (0.05 % at 1000 h at 70 °C under Pn) • Low noise < 35 dB • Hermetic package TYPICAL PERFORMANCE Resistance Range: Noted on schematics SCHEMATIC Actual Size ABS TRACKING TCR 25 ppm/°C 2 ppm/°C ABS RATIO TOL 0.1 % 0.1 % SLCC 20A (10 Isolated Resistors) 10 — 100 K ohms SLCC 20B (19 Resistors + 1 Common Point) 10 — 100 K ohms SLCC 16 A01 SLCC 16 A03 SLCC 16 A06 1 K — 100 K ohms 1 K — 100 K ohms 1 K — 100 K ohms SLCC 20 A01 SLCC 20 A03 SLCC 20 A06 1 K — 100 K ohms 1 K — 100 K ohms 1 K — 100 K ohms SLCC 24 A01 SLCC 24 A03 SLCC 24 A06 1 K — 100 K ohms 1 K — 100 K ohms 1 K — 100 K ohms 10 9 8 7 15 16 1 2 14 11 12 13 3 6 5 4 10 9 8 7 15 1 2 11 12 13 14 6 3 5 4 16 10 9 8 7 15 1 2 16 11 12 13 14 3 6 5 4 13 12 11 10 9 19 20 1 2 3 14 15 16 17 18 8 7 6 5 4 13 12 11 10 9 19 20 1 2 3 14 15 16 17 18 8 7 6 5 4 13 12 11 10 9 19 20 1 2 3 14 15 16 17 18 8 7 6 5 4 21 1312 1110 9 22 23 1 2 3 14 15 16 17 18 8 7 6 5 4 24 19 20 13 12 11 10 9 22 24 1 2 3 19 20 16 17 18 8 7 6 5 4 23 14 15 21 13 12 11 10 9 22 24 1 2 3 19 20 17 18 8 7 6 5 4 23 14 15 21 16 13 12 11 10 9 19 20 1 2 3 14 15 16 17 18 8 7 6 5 4 13 12 11 10 9 19 20 1 2 3 14 15 16 17 18 8 7 6 5 4 RoHS COMPLIANT |
Numéro de pièce similaire - SLCC24AKF |
|
Description similaire - SLCC24AKF |