Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14519BCP Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC14519BCP
Description  4-Bit AND/OR Selector or Quad 2-Channel Data Selector or Quad Exclusive nor gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14519BCP Fiches technique(HTML) 1 Page - Motorola, Inc

  MC14519BCP Datasheet HTML 1Page - Motorola, Inc MC14519BCP Datasheet HTML 2Page - Motorola, Inc MC14519BCP Datasheet HTML 3Page - Motorola, Inc MC14519BCP Datasheet HTML 4Page - Motorola, Inc MC14519BCP Datasheet HTML 5Page - Motorola, Inc MC14519BCP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14519B
4-Bit AND/OR Selector or
Quad 2-Channel Data Selector
or Quad Exclusive NOR" Gate
The MC14519B is constructed with MOS P–channel and N–channel
enhancement mode devices in a monolithic structure. These complementary
MOS logic gates find primary use where low power dissipation and/or high
noise immunity is desired.
This device provides three functions in one package; a 4–Bit AND/OR
Selector, a Quad 2–Channel Data Selector, or a Quad Exclusive NOR Gate.
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
• Plug–in Replacement for CD4019 in Most Applications
LOGIC DIAGRAM
CONTROL
INPUTS
DATA
INPUTS
A
B
X0
Y0
X1
Y1
X2
Y2
X3
Y3
9
14
6
7
4
5
2
3
15
1
10 Z0
11 Z1
12 Z2
13 Z3
VDD = PIN 16
VSS = PIN 8
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14519B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TRUTH TABLE
Control Inputs
Output
A
B
Zn
0
0
0
0
1
Yn
1
0
Xn
1
1
xn
Yn
NOTE: Xn
Yn means Xn
(Exclusive–NOR) Yn


Numéro de pièce similaire - MC14519BCP

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

Description similaire - MC14519BCP

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD14519B HITACHI-HD14519B Datasheet
59Kb / 4P
   4-bit AND/OR Selector or Quadruple 2-Channel Data Selector or Quadruple Exclusive-NOR Gate
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070B TI-CD4070B Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com